Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3275 Datasheet (PDF) - Toshiba Semiconductor

TLP3275 Datasheet PDF - Toshiba Semiconductor
Part # TLP3275
Download  TLP3275 Download
File Size   643.36 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER PHOTO RELAY

TLP3275 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP3275 Datasheet PDF - Toshiba Semiconductor

Part # TLP3275
Download  TLP3275 Click to download

File Size   643.36 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER PHOTO RELAY

TLP3275 Datasheet (HTML) - Toshiba Semiconductor


TLP3275 Product details

Measuring Instruments
Logic IC Testers / Memory Testers
Board Testers / Scanners

The TOSHIBA TLP3275 is an ultra-small photorelay suitable for surfacemount
assembly. The TLP3215 consists of an infrared emitting diode
optically coupled to a photo-MOSFET and is housed in a 4-pin package.
The TLP3275 features a low CR product and extremely low on-state
resistance, and thus delivers high on-state current.
Additionally the TLP3275 offers low insertion loss of high-frequency
signal and thus prevents the degradation of rapidly rising signal.
The TLP3275 also features low off-state current and low output pin
capacitance, making it suitable for high-frequency measuring instrument
applications.

Features
• 4-pin SSOP (SSOP4): 1.8-mm high, 1.27-mm pitch
• 1-Form-A
• Peak Off-State Voltage: 50 V (min)
• Trigger LED Current: 3 mA (max)
• On-State Current: 300 mA (max)
• On-State Resistance: 1.5 Ω (max), 1.0 Ω (typ.)
• Output Capacitance: 12 pF (typ.)
• Isolation Voltage: 1500 Vrms (min)
• ERT (Equivalent Rise Time): 60ps (typ.) (Note.4)
• UL-recognized: UL 1577, File No.E67349




Similar Part No. - TLP3275

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP320 TOSHIBA-TLP320 Datasheet
231Kb / 7P
GaAs Ired & Photo−Transistor
TLP320-2 TOSHIBA-TLP320-2 Datasheet
206Kb / 7P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP320-2 TOSHIBA-TLP320-2 Datasheet
231Kb / 7P
GaAs Ired & Photo−Transistor
logo
List of Unclassifed Man...
TLP320-3 ETC1-TLP320-3 Datasheet
86Kb / 2P
12PIN DIP 3-CHANNELS TYPE
More results


Similar Description - TLP3275

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP798G TOSHIBA-TLP798G Datasheet
334Kb / 8P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP296G TOSHIBA-TLP296G Datasheet
465Kb / 6P
TOSHIBA Photocoupler Photo Relay
TLP197A TOSHIBA-TLP197A Datasheet
132Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP597A TOSHIBA-TLP597A_14 Datasheet
185Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP598AA TOSHIBA-TLP598AA_14 Datasheet
180Kb / 5P
TOSHIBA Photocoupler Photo Relay
TLP3116 TOSHIBA-TLP3116_14 Datasheet
192Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3130 TOSHIBA-TLP3130_14 Datasheet
192Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3131 TOSHIBA-TLP3131_14 Datasheet
191Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3542 TOSHIBA-TLP3542_14 Datasheet
159Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP224GA-2 TOSHIBA-TLP224GA-2 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
2019-02-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com