Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA3528SF4S-R Datasheet (PDF) - Kingbright Corporation

AA3528SF4S-R Datasheet PDF - Kingbright Corporation
Part # AA3528SF4S-R
Download  AA3528SF4S-R Download
File Size   313.97 Kbytes
Page   4 Pages
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation
Description 3.5 x 2.8 mm Infrared Emitting Diode

AA3528SF4S-R Datasheet (PDF)

Go To PDF Page Download Datasheet
AA3528SF4S-R Datasheet PDF - Kingbright Corporation

Part # AA3528SF4S-R
Download  AA3528SF4S-R Click to download

File Size   313.97 Kbytes
Page   4 Pages
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation
Description 3.5 x 2.8 mm Infrared Emitting Diode

AA3528SF4S-R Datasheet (HTML) - Kingbright Corporation




Similar Part No. - AA3528SF4S-R

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
AA3528SF4S-R TO-GRACE-AA3528SF4S-R Datasheet
901Kb / 4P
3.5 x 2.8 mm Infrared Emitting Diode
More results


Similar Description - AA3528SF4S-R

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APT1608SF4C-P22 KINGBRIGHT-APT1608SF4C-P22 Datasheet
634Kb / 4P
1.6 x 0.8 mm Infrared Emitting Diode
logo
HK TO-GRACE TECHNOLOGY ...
APT1608F3C TO-GRACE-APT1608F3C Datasheet
801Kb / 4P
1.6 x 0.8 mm Infrared Emitting Diode
APT1608F3C-P22 TO-GRACE-APT1608F3C-P22 Datasheet
1,005Kb / 4P
1.6 x 0.8 mm Infrared Emitting Diode
APTD1608LCGCK TO-GRACE-APTD1608LCGCK Datasheet
928Kb / 4P
1.6 x 0.8 mm Infrared Emitting Diode
AA3528F3S TO-GRACE-AA3528F3S Datasheet
909Kb / 4P
3.5 x 2.8 mm Infrared Emitting Diode
AA3528SF4S-R TO-GRACE-AA3528SF4S-R Datasheet
901Kb / 4P
3.5 x 2.8 mm Infrared Emitting Diode
AP2012SF4C-P22 TO-GRACE-AP2012SF4C-P22 Datasheet
1Mb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
APTD2012F3C TO-GRACE-APTD2012F3C Datasheet
879Kb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
APTD3216F3C-P22 TO-GRACE-APTD3216F3C-P22 Datasheet
1,000Kb / 4P
3.2 x 1.6 mm Infrared Emitting Diode
logo
Kingbright Corporation
APD2520SF4C03-P22 KINGBRIGHT-APD2520SF4C03-P22 Datasheet
462Kb / 4P
4.5 x 2 mm Infrared Emitting Diode
Rev No: V.1B
More results




About Kingbright Corporation


Kingbright Corporation is a technology company that specializes in the design, manufacture, and sale of LED components and LED-based lighting products. The company was founded in 1980 and is headquartered in Taipei, Taiwan. Kingbright has a global presence, with operations and customers in over 60 countries around the world.

Kingbright provides a wide range of LED components and lighting products, including surface-mount and through-hole LEDs, LED displays, LED lighting modules, and LED lighting fixtures. The company's products are used in a variety of applications, including automotive, consumer electronics, industrial, and lighting.

Kingbright is known for its expertise in LED technology and its ability to provide high-quality and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the LED market. Kingbright is a recognized leader in the LED market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com