Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA3528SF4S-R Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AA3528SF4S-R
Description  3.5 x 2.8 mm Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3528SF4S-R Datasheet(HTML) 1 Page - Kingbright Corporation

  AA3528SF4S-R Datasheet HTML 1Page - Kingbright Corporation AA3528SF4S-R Datasheet HTML 2Page - Kingbright Corporation AA3528SF4S-R Datasheet HTML 3Page - Kingbright Corporation AA3528SF4S-R Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAL0870 / 1201007050 Rev No: V.5B Date: 09/06/2017
Page 1 / 4
DESCRIPTION
SF4 Made with Gallium Aluminum Arsenide Infrared
Emitting diodes.
FEATURES
Mechanically and spectrally matched to the phototransistor
Package: 2000 pcs / reel
Moisture sensitivity level: 3
RoHS compliant
APPLICATIONS
Infrared Illumination for cameras
Machine vision systems
Surveillance systems
Industrial electronics
IR data transmission
Remote control
PACKAGE DIMENSIONS
SELECTION GUIDE
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Radiant Intensity / luminous flux: +/-15%.
3. Radiant intensity value is traceable to CIE127-2007 standards.
AA3528SF4S-R
3.5 x 2.8 mm Infrared Emitting Diode
Part Number
Emitting Color
(Material)
Lens Type
Po (mW/sr)
@ 20mA [2]
Viewing Angle [1]
Min.
Typ.
2θ1/2
AA3528SF4S-R
Infrared (GaAlAs)
Water Clear
1.2
2
120
°
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - AA3528SF4S-R

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
AA3528SF4S-R TO-GRACE-AA3528SF4S-R Datasheet
901Kb / 4P
3.5 x 2.8 mm Infrared Emitting Diode
More results

Similar Description - AA3528SF4S-R

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APT1608SF4C-P22 KINGBRIGHT-APT1608SF4C-P22 Datasheet
634Kb / 4P
1.6 x 0.8 mm Infrared Emitting Diode
logo
HK TO-GRACE TECHNOLOGY ...
APT1608F3C TO-GRACE-APT1608F3C Datasheet
801Kb / 4P
1.6 x 0.8 mm Infrared Emitting Diode
APT1608F3C-P22 TO-GRACE-APT1608F3C-P22 Datasheet
1,005Kb / 4P
1.6 x 0.8 mm Infrared Emitting Diode
APTD1608LCGCK TO-GRACE-APTD1608LCGCK Datasheet
928Kb / 4P
1.6 x 0.8 mm Infrared Emitting Diode
AA3528F3S TO-GRACE-AA3528F3S Datasheet
909Kb / 4P
3.5 x 2.8 mm Infrared Emitting Diode
AA3528SF4S-R TO-GRACE-AA3528SF4S-R Datasheet
901Kb / 4P
3.5 x 2.8 mm Infrared Emitting Diode
AP2012SF4C-P22 TO-GRACE-AP2012SF4C-P22 Datasheet
1Mb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
APTD2012F3C TO-GRACE-APTD2012F3C Datasheet
879Kb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
APTD3216F3C-P22 TO-GRACE-APTD3216F3C-P22 Datasheet
1,000Kb / 4P
3.2 x 1.6 mm Infrared Emitting Diode
logo
Kingbright Corporation
APD2520SF4C03-P22 KINGBRIGHT-APD2520SF4C03-P22 Datasheet
462Kb / 4P
4.5 x 2 mm Infrared Emitting Diode
Rev No: V.1B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com