Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B58195XP Datasheet (PDF) - Micro Commercial Components

B58195XP Datasheet PDF - Micro Commercial Components
Part # B58195XP
Download  B58195XP Download
File Size   531.03 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1.5 A Schottky Rectifier 40 Volts

B58195XP Datasheet (PDF)

Go To PDF Page Download Datasheet
B58195XP Datasheet PDF - Micro Commercial Components

Part # B58195XP
Download  B58195XP Click to download

File Size   531.03 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1.5 A Schottky Rectifier 40 Volts

B58195XP Datasheet (HTML) - Micro Commercial Components




Similar Part No. - B58195XP

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
B5819PL DGNJDZ-B5819PL Datasheet
988Kb / 2P
Schottky Barrier Diodes
B5819PL DGNJDZ-B5819PL Datasheet
1Mb / 4P
SOD-123FL Plastic-Encapsulate Dio des
B5819PL-1A-SOD-123FL DGNJDZ-B5819PL-1A-SOD-123FL Datasheet
147Kb / 2P
Schottky Barrier Diodes
logo
Jiangsu Changjiang Elec...
B5819W JIANGSU-B5819W Datasheet
125Kb / 2P
SCHOTTKY BARRIER DIODE
logo
Weitron Technology
B5819W WEITRON-B5819W Datasheet
161Kb / 3P
Surface Mount Schottky Barrier Diodes
More results


Similar Description - B58195XP

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR4045M SSDI-SSR4045M Datasheet
210Kb / 2P
40 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR2040 SSDI-SSR2040 Datasheet
203Kb / 2P
20 AMPS 40 VOLTS SCHOTTKY RECTIFIER
SSR2040J SSDI-SSR2040J Datasheet
196Kb / 2P
20 AMPS 40 VOLTS SCHOTTKY RECTIFIER
logo
Vishay Siliconix
40L15CTPBF VISHAY-40L15CTPBF Datasheet
93Kb / 6P
Schottky Rectifier, 40 A
06-Jun-07
15MQ040-M3 VISHAY-15MQ040-M3 Datasheet
116Kb / 6P
Schottky Rectifier, 1.5 A
22-Aug-11
logo
NXP Semiconductors
PMEG4015EPK PHILIPS-PMEG4015EPK_15 Datasheet
1Mb / 14P
40 V, 1.5 A low VF MEGA Schottky barrier rectifier
Rev. 2-6 March 2012
logo
ON Semiconductor
NSR15406NXT5G ONSEMI-NSR15406NXT5G Datasheet
62Kb / 5P
1.5 A, 40 V Schottky Barrier Diode
July, 2016 ??Rev. 0
logo
Vishay Siliconix
VS-15MQ040-M3 VISHAY-VS-15MQ040-M3 Datasheet
123Kb / 6P
Schottky Rectifier, 1.5 A
12-Oct-11
logo
Micro Commercial Compon...
B5819XP MCC-B5819XP Datasheet
294Kb / 3P
1.0 A Schottky Rectifier 40 Volts
logo
Nexperia B.V. All right...
PMEG4015EPK NEXPERIA-PMEG4015EPK Datasheet
1Mb / 15P
40 V, 1.5 A low VF MEGA Schottky barrier rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com