Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40L15CTPBF Datasheet (PDF) - Vishay Siliconix

40L15CTPBF Datasheet PDF - Vishay Siliconix
Part # 40L15CTPBF
Download  40L15CTPBF Download
File Size   93.68 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 40 A

40L15CTPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
40L15CTPBF Datasheet PDF - Vishay Siliconix

Part # 40L15CTPBF
Download  40L15CTPBF Click to download

File Size   93.68 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 40 A

40L15CTPBF Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 40L15CTPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40L15CTPBF VISHAY-40L15CTPBF Datasheet
116Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
40L15CTPBF VISHAY-40L15CTPBF Datasheet
162Kb / 7P
Schottky Rectifier, 2 x 20 A
29-Aug-11
40L15CTPBF VISHAY-40L15CTPBF_08 Datasheet
116Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
40L15CTPBF VISHAY-40L15CTPBF_12 Datasheet
162Kb / 7P
Schottky Rectifier, 2 x 20 A
29-Aug-11
More results


Similar Description - 40L15CTPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80CPQ020 VISHAY-80CPQ020 Datasheet
120Kb / 6P
Schottky Rectifier, 2 x 40 A
16-Oct-08
80CPQ020PBF VISHAY-80CPQ020PBF Datasheet
114Kb / 6P
Schottky Rectifier, 2 x 40 A
12-Sep-08
80CPQ150 VISHAY-80CPQ150 Datasheet
121Kb / 6P
Schottky Rectifier, 2 x 40 A
21-Aug-08
80CPQ150PBF VISHAY-80CPQ150PBF Datasheet
155Kb / 7P
Schottky Rectifier, 2 x 40 A
13-Aug-08
80CPQ020PBF VISHAY-80CPQ020PBF_12 Datasheet
165Kb / 7P
Schottky Rectifier, 2 x 40 A
31-Aug-11
logo
Micro Commercial Compon...
B5819XP MCC-B5819XP Datasheet
294Kb / 3P
1.0 A Schottky Rectifier 40 Volts
B58195XP MCC-B58195XP Datasheet
531Kb / 3P
1.5 A Schottky Rectifier 40 Volts
logo
Vishay Siliconix
VS-80CPQ020PBF VISHAY-VS-80CPQ020PBF_V01 Datasheet
134Kb / 7P
Schottky Rectifier, 2 x 40 A
31-Aug-11
VS-80CPQ150PBF VISHAY-VS-80CPQ150PBF_V01 Datasheet
133Kb / 7P
Schottky Rectifier, 2 x 40 A
17-Jul-13
VS-80CPU02-N3 VISHAY-VS-80CPU02-N3_V01 Datasheet
175Kb / 7P
Schottky Rectifier, 2 x 40 A
19-Apr-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com