Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT43X Datasheet (PDF) - Micro Commercial Components

BAT43X Datasheet PDF - Micro Commercial Components
Part # BAT43X
Download  BAT43X Download
File Size   537.57 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Schottky Barrier Diode 150mW

BAT43X Datasheet (PDF)

Go To PDF Page Download Datasheet
BAT43X Datasheet PDF - Micro Commercial Components

Part # BAT43X
Download  BAT43X Click to download

File Size   537.57 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Schottky Barrier Diode 150mW

BAT43X Datasheet (HTML) - Micro Commercial Components




Similar Part No. - BAT43X

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAT43X SECOS-BAT43X Datasheet
272Kb / 2P
Surface Mount Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
BAT43X TSC-BAT43X Datasheet
139Kb / 5P
SOD-523F IFSM=4A 30V/200mA Schottky Diode
logo
Jiangsu Changjiang Elec...
BAT43X JIANGSU-BAT43X Datasheet
557Kb / 4P
SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT43X-M0RSG TSC-BAT43X-M0RSG Datasheet
139Kb / 5P
SOD-523F IFSM=4A 30V/200mA Schottky Diode
BAT43XRSG TSC-BAT43XRSG Datasheet
139Kb / 5P
SOD-523F IFSM=4A 30V/200mA Schottky Diode
More results


Similar Description - BAT43X

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1SS226 MCC-1SS226 Datasheet
183Kb / 3P
150mW SWITCHING DIODE
BAS40V MCC-BAS40V Datasheet
186Kb / 3P
150mW Schottky Diodes
BAT54V MCC-BAT54V Datasheet
183Kb / 3P
150mW Schottky Diodes
1SS226 MCC-1SS226_13 Datasheet
219Kb / 3P
150mW SWITCHING DIODE
logo
WILLAS ELECTRONIC CORP
BAS40W WILLAS-BAS40W Datasheet
563Kb / 5P
150mW Plastic-Encapsulate Schottky Barrier Diodes
logo
Micro Commercial Compon...
BAV70M MCC-BAV70M_17 Datasheet
378Kb / 3P
150mW Switching Diode
BAS40V MCC-BAS40V_14 Datasheet
280Kb / 3P
150mW Schottky Diodes
BAS40X MCC-BAS40X Datasheet
494Kb / 3P
Surface Mount Schottky Barrier Diode 150mW
BAT54V MCC-BAT54V_13 Datasheet
209Kb / 3P
150mW Schottky Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com