Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS226 Datasheet (PDF) - Micro Commercial Components

1SS226 Datasheet PDF - Micro Commercial Components
Part # 1SS226
Download  1SS226 Download
File Size   183.37 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 150mW SWITCHING DIODE

1SS226 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SS226 Datasheet PDF - Micro Commercial Components

Part # 1SS226
Download  1SS226 Click to download

File Size   183.37 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 150mW SWITCHING DIODE

1SS226 Datasheet (HTML) - Micro Commercial Components


1SS226 Product details

Features
• Low Current Leakage.
• Surface Mount SOT-23 Package
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Halogen free available upon request by adding suffix "-HF"

Maximum Ratings
• Operating Temperature: -55°C to +125°C
• Storage Temperature: -55°C to +150°C
• 150mW Power dissipation.
x Marking:C3




Similar Part No. - 1SS226

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS226 TOSHIBA-1SS226 Datasheet
130Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
1SS226 TOSHIBA-1SS226 Datasheet
196Kb / 3P
Ultra High Speed Switching Application
logo
Galaxy Semi-Conductor H...
1SS226 BILIN-1SS226 Datasheet
287Kb / 3P
Surface mount switching diode
Rev.A
logo
Guangdong Kexin Industr...
1SS226 KEXIN-1SS226 Datasheet
35Kb / 1P
ULTRA HIGH SPEED SWITCHING APPLICATION
logo
SEMTECH ELECTRONICS LTD...
1SS226 SEMTECH_ELEC-1SS226 Datasheet
135Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
More results


Similar Description - 1SS226

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1SS265 MCC-1SS265 Datasheet
456Kb / 2P
150mW 35 Volt Band Switching Diode
BAS16T MCC-BAS16T Datasheet
236Kb / 3P
150mW 85Volt Switching Diode
BAS16X MCC-BAS16X Datasheet
235Kb / 3P
150mW 75Volt Switching Diode
BAS21T MCC-BAS21T Datasheet
191Kb / 3P
150mW 250 Volt Switching Diode
1SS226 MCC-1SS226_13 Datasheet
219Kb / 3P
150mW SWITCHING DIODE
BAS16T MCC-BAS16T_13 Datasheet
265Kb / 3P
150mW 85Volt Switching Diode
BAS16X MCC-BAS16X_13 Datasheet
283Kb / 3P
150mW 75Volt Switching Diode
BAS21T MCC-BAS21T_13 Datasheet
226Kb / 3P
150mW 250 Volt Switching Diode
BAS16T MCC-BAS16T_16 Datasheet
232Kb / 3P
150mW 85Volt Switching Diode
BAV70M MCC-BAV70M_17 Datasheet
378Kb / 3P
150mW Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com