Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21T Datasheet (PDF) - Micro Commercial Components

BAS21T Datasheet PDF - Micro Commercial Components
Part # BAS21T
Download  BAS21T Download
File Size   191.47 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 150mW 250 Volt Switching Diode

BAS21T Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS21T Datasheet PDF - Micro Commercial Components

Part # BAS21T
Download  BAS21T Click to download

File Size   191.47 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 150mW 250 Volt Switching Diode

BAS21T Datasheet (HTML) - Micro Commercial Components


BAS21T Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Ultra-Small Surface Mount Package
• Fast Switching Speed
• For General Purpose Switching Applications
• High Conductance
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1




Similar Part No. - BAS21T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS21T DIODES-BAS21T Datasheet
56Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30264 Rev. B-2
BAS21T DIODES-BAS21T Datasheet
84Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30264 Rev. 6 - 2
logo
Guangdong Kexin Industr...
BAS21T KEXIN-BAS21T Datasheet
42Kb / 1P
Surface Mount Fast Switching Diode
logo
Diodes Incorporated
BAS21T DIODES-BAS21T Datasheet
87Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
Rev. 10 - 2 March 2009
logo
SeCoS Halbleitertechnol...
BAS21T SECOS-BAS21T Datasheet
261Kb / 2P
0.4A , 250V Plastic-Encapsulated Diode
More results


Similar Description - BAS21T

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1SS226 MCC-1SS226 Datasheet
183Kb / 3P
150mW SWITCHING DIODE
1SS265 MCC-1SS265 Datasheet
456Kb / 2P
150mW 35 Volt Band Switching Diode
BAS16T MCC-BAS16T Datasheet
236Kb / 3P
150mW 85Volt Switching Diode
BAS16X MCC-BAS16X Datasheet
235Kb / 3P
150mW 75Volt Switching Diode
1SS226 MCC-1SS226_13 Datasheet
219Kb / 3P
150mW SWITCHING DIODE
BAS16T MCC-BAS16T_13 Datasheet
265Kb / 3P
150mW 85Volt Switching Diode
BAS16X MCC-BAS16X_13 Datasheet
283Kb / 3P
150mW 75Volt Switching Diode
BAS21T MCC-BAS21T_13 Datasheet
226Kb / 3P
150mW 250 Volt Switching Diode
BAS16T MCC-BAS16T_16 Datasheet
232Kb / 3P
150mW 85Volt Switching Diode
BAV70M MCC-BAV70M_17 Datasheet
378Kb / 3P
150mW Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com