Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16X Datasheet (PDF) - Micro Commercial Components

BAS16X Datasheet PDF - Micro Commercial Components
Part # BAS16X
Download  BAS16X Download
File Size   235.47 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 150mW 75Volt Switching Diode

BAS16X Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS16X Datasheet PDF - Micro Commercial Components

Part # BAS16X
Download  BAS16X Click to download

File Size   235.47 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 150mW 75Volt Switching Diode

BAS16X Datasheet (HTML) - Micro Commercial Components


BAS16X Product details

Features
• Lead Free Finish/Rohs Compliant("P"Suffix designates
   Compliant. See ordering information)
• Ultra-Small Surface Mount Package
• Fast Switching Speed
• For General Purpose Switching Applications
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Marking : A6
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - BAS16X

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAS16X JIANGSU-BAS16X Datasheet
141Kb / 2P
Swithching Diode
logo
Galaxy Semi-Conductor H...
BAS16X BILIN-BAS16X Datasheet
196Kb / 3P
High speed Switching Diode
logo
Shenzhen Luguang Electr...
BAS16X LUGUANG-BAS16X Datasheet
278Kb / 2P
High Speed Switching Diodes
logo
WILLAS ELECTRONIC CORP
BAS16X WILLAS-BAS16X Datasheet
402Kb / 3P
SOD-523 Plastic-Encapsulate Diodes
logo
SHENZHEN YONGERJIA INDU...
BAS16X WINNERJOIN-BAS16X Datasheet
244Kb / 2P
Swithching Diode
More results


Similar Description - BAS16X

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAW56 MCC-BAW56 Datasheet
79Kb / 2P
350mW 75Volt Dual Switching Diode
logo
Shanghai Lunsure Electr...
BAW56 CHENYI-BAW56 Datasheet
52Kb / 2P
350mw 75volt dual switching diode
logo
Micro Commercial Compon...
1SS226 MCC-1SS226 Datasheet
183Kb / 3P
150mW SWITCHING DIODE
BAS16T MCC-BAS16T Datasheet
236Kb / 3P
150mW 85Volt Switching Diode
BAW56 MCC-BAW56_11 Datasheet
165Kb / 3P
350mW 75Volt Dual Switching Diode
1SS226 MCC-1SS226_13 Datasheet
219Kb / 3P
150mW SWITCHING DIODE
BAS16X MCC-BAS16X_13 Datasheet
283Kb / 3P
150mW 75Volt Switching Diode
BAS16T MCC-BAS16T_16 Datasheet
232Kb / 3P
150mW 85Volt Switching Diode
BAS716 MCC-BAS716 Datasheet
328Kb / 3P
225mW 75Volt Switching Diode
BAV70M MCC-BAV70M_17 Datasheet
378Kb / 3P
150mW Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com