Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16X Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS16X
Description  150mW 75Volt Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS16X Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS16X Datasheet HTML 1Page - Micro Commercial Components BAS16X Datasheet HTML 2Page - Micro Commercial Components BAS16X Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS16X
150mW 75Volt
Switching Diode
SOD-523
Features
Ultra-Small Surface Mount Package
Fast Switching Speed
For General Purpose Switching Applications
Maximum Ratings
Operating Temperature: -55 C to +150 C
Storage Temperature: -55 C to +150 C
Maximum Thermal Resistance; 635 C/W Junction To Ambient
Electrical Characteristics @ 25 C Unless Otherwise Specified
DC Reverse Voltage
VR
75V
Reverse breakdown
voltage
V(BR)R
75V
IR=100uA
Forward Current
IF
200mA
Power Dissipation
PD
150mW
Peak Forward Surge
Current
IFSM
500mA
Maximum
Instantaneous
Forward Voltage
VF
715mV
815mV
1000mV
1250mV
IF = 1mA
IF = 10mA;
IF = 50mA
IF = 150mA
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1 A
50 A
VR=75Volts
TJ = 25 C
TJ = 150 C
Typical Diode
Capacitance
CD
2pF
Measured at
1.0MHz, VR=0V
Reverse Recovery
Time
Trr
6nS
IF=IR=10mAdc,
VR = 0V
RL=50
Revision:
A
20
11/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
A
B
E
C
H
G
D
F
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.043
.051
1.10
1.30
C
.030
.033
0.75
0.85
D
.001
.003
0.01
0.07
E
.010
.014
0.25
0.35
F
.003
.00
6
0.08
0.15
G
.020
.028
0.50
0.70
H
.020
.031
0.51
0.7
7
0.6mm
1.1mm
Suggested Solder Pad Layout
0.8mm
www.mccsemi.com
1 of 3
MCC
TM
Micro Commercial Components
Marking : A6
•
Lead Free Finish/Rohs Compliant("P"Suffix designates
Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - BAS16X

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAS16X JIANGSU-BAS16X Datasheet
141Kb / 2P
Swithching Diode
logo
Galaxy Semi-Conductor H...
BAS16X BILIN-BAS16X Datasheet
196Kb / 3P
High speed Switching Diode
logo
Shenzhen Luguang Electr...
BAS16X LUGUANG-BAS16X Datasheet
278Kb / 2P
High Speed Switching Diodes
logo
WILLAS ELECTRONIC CORP
BAS16X WILLAS-BAS16X Datasheet
402Kb / 3P
SOD-523 Plastic-Encapsulate Diodes
logo
SHENZHEN YONGERJIA INDU...
BAS16X WINNERJOIN-BAS16X Datasheet
244Kb / 2P
Swithching Diode
More results

Similar Description - BAS16X

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAW56 MCC-BAW56 Datasheet
79Kb / 2P
350mW 75Volt Dual Switching Diode
logo
Shanghai Lunsure Electr...
BAW56 CHENYI-BAW56 Datasheet
52Kb / 2P
350mw 75volt dual switching diode
logo
Micro Commercial Compon...
1SS226 MCC-1SS226 Datasheet
183Kb / 3P
150mW SWITCHING DIODE
BAS16T MCC-BAS16T Datasheet
236Kb / 3P
150mW 85Volt Switching Diode
BAW56 MCC-BAW56_11 Datasheet
165Kb / 3P
350mW 75Volt Dual Switching Diode
1SS226 MCC-1SS226_13 Datasheet
219Kb / 3P
150mW SWITCHING DIODE
BAS16X MCC-BAS16X_13 Datasheet
283Kb / 3P
150mW 75Volt Switching Diode
BAS16T MCC-BAS16T_16 Datasheet
232Kb / 3P
150mW 85Volt Switching Diode
BAS716 MCC-BAS716 Datasheet
328Kb / 3P
225mW 75Volt Switching Diode
BAV70M MCC-BAV70M_17 Datasheet
378Kb / 3P
150mW Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com