Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP0505BAHTG Datasheet (PDF) - Littelfuse

SP0505BAHTG Datasheet PDF - Littelfuse
Part # SP0505BAHTG
Download  SP0505BAHTG Download
File Size   1880.68 Kbytes
Page   9 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 30pF 30kV Unidirectional TVS Array

SP0505BAHTG Datasheet (PDF)

Go To PDF Page Download Datasheet
SP0505BAHTG Datasheet PDF - Littelfuse

Part # SP0505BAHTG
Download  SP0505BAHTG Click to download

File Size   1880.68 Kbytes
Page   9 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 30pF 30kV Unidirectional TVS Array

SP0505BAHTG Datasheet (HTML) - Littelfuse




Similar Part No. - SP0505BAHTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0505BAHTG LITTELFUSE-SP0505BAHTG Datasheet
178Kb / 7P
SP050xBA Lead-Free/Green Series
SP0505BAHTG LITTELFUSE-SP0505BAHTG Datasheet
373Kb / 9P
30pF 30kV Unidirectional TVS Array
SP0505BAHTG LITTELFUSE-SP0505BAHTG Datasheet
964Kb / 7P
8pF 15kV Unidirectional TVS Array
logo
Shanghai Leiditech Elec...
SP0505BAHTG LEIDITECH-SP0505BAHTG Datasheet
955Kb / 4P
4-Line Bi-direction TVS Diode Array
Rev : 01.06.2014
More results


Similar Description - SP0505BAHTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1003 LITTELFUSE-SP1003_11 Datasheet
243Kb / 4P
SP1003 Series - 30pF 30kV Unidirectional Discrete TVS
SP05 LITTELFUSE-SP05 Datasheet
373Kb / 9P
30pF 30kV Unidirectional TVS Array
SP1003 LITTELFUSE-SP1003_17 Datasheet
1,009Kb / 5P
30pF 30kV Unidirectional Discrete TVS
SP1005 LITTELFUSE-SP1005_17 Datasheet
915Kb / 5P
30pF 30kV Bidirectional Discrete TVS
SP1009 LITTELFUSE-SP1009 Datasheet
656Kb / 4P
30pF 30kV Bidirectional Discrete TVS
AQ1005 LITTELFUSE-AQ1005 Datasheet
631Kb / 4P
AQ1005 Series 30pF 30kV Bidirectional Discrete TVS
AQ1003 LITTELFUSE-AQ1003 Datasheet
613Kb / 5P
AQ1003 Series - 30pF 30kV Unidirectional Discrete TVS
SP1044 LITTELFUSE-SP1044 Datasheet
2Mb / 4P
SP1044 Series 30pF 30kV Unidirectional Discrete TVS
SP1305 LITTELFUSE-SP1305 Datasheet
952Kb / 5P
SP1305 30pF, 30kV TVS Diode Array
AQ1003-01LTG LITTELFUSE-AQ1003-01LTG Datasheet
933Kb / 5P
AQ1003-01LTG, 30pF 30kV Unidirectional Discrete TVS
2019 Littelfuse, Inc
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com