Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP0505BAHTG Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

SP0505BAHTG Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # SP0505BAHTG
Download  SP0505BAHTG Download
File Size   955.4 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 4-Line Bi-direction TVS Diode Array

SP0505BAHTG Datasheet (PDF)

Go To PDF Page Download Datasheet
SP0505BAHTG Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SP0505BAHTG
Download  SP0505BAHTG Click to download

File Size   955.4 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 4-Line Bi-direction TVS Diode Array

SP0505BAHTG Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


SP0505BAHTG Product details

Features
Protects up to 5 lines
Low leakage: nA level
Low clamping voltage
Excellent surge protection (80W at 8/20μs)
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 7A (8/20μs)
RoHS Compliant

Applications
Audio Players
Peripherals
Portable Instrumentation
Desktops PC and Servers
Microprocessor Based Equipment
Cell Phone Handsets and Accessories
Notebook, Laptop, and Palmtop Computers




Similar Part No. - SP0505BAHTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0505BAHTG LITTELFUSE-SP0505BAHTG Datasheet
178Kb / 7P
SP050xBA Lead-Free/Green Series
SP0505BAHTG LITTELFUSE-SP0505BAHTG Datasheet
373Kb / 9P
30pF 30kV Unidirectional TVS Array
SP0505BAHTG LITTELFUSE-SP0505BAHTG Datasheet
1Mb / 9P
30pF 30kV Unidirectional TVS Array
SP0505BAHTG LITTELFUSE-SP0505BAHTG Datasheet
964Kb / 7P
8pF 15kV Unidirectional TVS Array
More results


Similar Description - SP0505BAHTG

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AU0514PD APMICRO-AU0514PD Datasheet
1Mb / 4P
4-Line Bi-directional TVS Diode Array
AU1204S2 APMICRO-AU1204S2 Datasheet
540Kb / 4P
4-Line Bi-direction TVS Diode Array
logo
Shanghai Leiditech Elec...
SMS05CC LEIDITECH-SMS05CC Datasheet
1Mb / 4P
4-Line Bi-direction TVS Diode Array
USMS05C LEIDITECH-USMS05C Datasheet
1Mb / 4P
4-Line Bi-direction TVS Diode Array
SMC24Q LEIDITECH-SMC24Q Datasheet
625Kb / 3P
2-Line Bi-directional TVS Diode Array
SR70-4 LEIDITECH-SR70-4 Datasheet
2Mb / 4P
4-Line Bi-direction TVS Diode Array
ESDA6V1-5SC6 LEIDITECH-ESDA6V1-5SC6 Datasheet
955Kb / 4P
4-Line Bi-direction TVS Diode Array
Rev : 01.06.2014
PESD12VL2BT LEIDITECH-PESD12VL2BT Datasheet
280Kb / 3P
2-Line Bi-directional TVS Diode Array
Rev : 01.06.2014
PESD24VL2BT LEIDITECH-PESD24VL2BT Datasheet
225Kb / 3P
2-Line Bi-directional TVS Diode Array
Rev : 01.06.2014
PESD5V0L2BT LEIDITECH-PESD5V0L2BT Datasheet
218Kb / 3P
2-Line Bi-directional TVS Diode Array
Rev : 01.06.2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com