Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP0505BAHTG Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SP0505BAHTG
Description  4-Line Bi-direction TVS Diode Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SP0505BAHTG Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SP0505BAHTG Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SP0505BAHTG Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SP0505BAHTG Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SP0505BAHTG Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev : 01.06.2014
www.leiditech.com
3/4
Typical Performance Characteristics (TA=25°C unless otherwise Specified)
Junction Capacitance vs. Reverse Voltage
Peak Pulse Power vs. Pulse Time
Clamping Voltage vs. Peak Pulse Current (tp = 8/20us)
Power Derating Curve
8 X 20uS Pulse Waveform
ESD Clamping Voltage
8 kV Contact per IEC61000−4−2
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature_Ta(℃)
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
Time_t(uS)
0.01
0.1
1
10
0.1
1
10
100
Pulse Duration_tp(uS)
Peak Pulse Current (Ipp)
Ipp/2
0
10
20
30
40
50
0
5
10
15
20
25
Reverse Voltage_VR(V)
SP0505BAHTG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com