Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRD1020CT Datasheet (PDF) - Micro Commercial Components

MBRD1020CT Datasheet PDF - Micro Commercial Components
Part # MBRD1020CT
Download  MBRD1020CT Download
File Size   168.25 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 10 Amp Schottky Rectifier 20V-100V

MBRD1020CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRD1020CT Datasheet PDF - Micro Commercial Components

Part # MBRD1020CT
Download  MBRD1020CT Click to download

File Size   168.25 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 10 Amp Schottky Rectifier 20V-100V

MBRD1020CT Datasheet (HTML) - Micro Commercial Components




Similar Part No. - MBRD1020CT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
MBRD1020CT FRONTIER-MBRD1020CT Datasheet
123Kb / 2P
10A DUAL SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
MBRD1020CT WTE-MBRD1020CT Datasheet
54Kb / 4P
10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
September, 2019
MBRD1020CT-T3 WTE-MBRD1020CT-T3 Datasheet
54Kb / 4P
10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
September, 2019
More results


Similar Description - MBRD1020CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS1045 MICROSEMI-MS1045 Datasheet
113Kb / 2P
10 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
10CTQ150 IRF-10CTQ150 Datasheet
143Kb / 8P
SCHOTTKY RECTIFIER 10 Amp
10CTQ150PBF IRF-10CTQ150PBF Datasheet
176Kb / 6P
SCHOTTKY RECTIFIER 10 Amp
logo
SeCoS Halbleitertechnol...
SR220 SECOS-SR220 Datasheet
102Kb / 2P
VOLTAGE 20V ~ 100V 2.0 AMP Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
SB220 MCC-SB220 Datasheet
227Kb / 3P
2 Amp Schottky Rectifier 20V-60V
logo
SeCoS Halbleitertechnol...
SM1020C SECOS-SM1020C_11 Datasheet
248Kb / 2P
Voltage 20V~100V 10.0 Amp Schottky Barrier Rectifiers
SM2020D SECOS-SM2020D_12 Datasheet
298Kb / 2P
Voltage 20V~ 100V 20.0 Amp Schottky Barrier Rectifiers
SM320HT SECOS-SM320HT Datasheet
252Kb / 3P
Voltage 20V ~100V 3.0 Amp Surface Mount Schottky Barrier Rectifers
logo
Micro Commercial Compon...
MBRD1220CT MCC-MBRD1220CT Datasheet
130Kb / 2P
12 Amp Schottky Rectifier 20V-45V
SB220L MCC-SB220L Datasheet
384Kb / 3P
2 Amp Schottky Rectifier 20V-100V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com