Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB220 Datasheet (PDF) - Micro Commercial Components

SB220 Datasheet PDF - Micro Commercial Components
Part # SB220
Download  SB220 Download
File Size   227.48 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 2 Amp Schottky Rectifier 20V-60V

SB220 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB220 Datasheet PDF - Micro Commercial Components

Part # SB220
Download  SB220 Click to download

File Size   227.48 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 2 Amp Schottky Rectifier 20V-60V

SB220 Datasheet (HTML) - Micro Commercial Components


SB220 Product details

Features
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix Designates
   Compliant. See Ordering Information)
• Schottky Barrier Rectifier
• Guard Ring Protection
• High Surge Current Capability
• Epoxy Meets UL 94 V-0 Flammability Rating
• For Use In Low Voltage, High Frequency Inverters, Free
   Wheeling, And Polarity Protection Applications
• Halogen Free Available Upon Request By Adding Suffix "-HF"

Maximum Ratings
• Operating Junction Temperature Range: -65⁰C to +150⁰C
• Storage Temperature Range: -65⁰C to +150⁰C
• Maximum Thermal Resistance: 15oC/W Junction To Lead
• Maximum Thermal Resistance: 15oC/W Junction To Ambient*




Similar Part No. - SB220

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB220 PANJIT-SB220 Datasheet
41Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Transys Electronics
SB220 TRSYS-SB220 Datasheet
157Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB220 WTE-SB220 Datasheet
49Kb / 3P
2.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB220 ZOWIE-SB220 Datasheet
45Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SB220 EIC-SB220 Datasheet
29Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
More results


Similar Description - SB220

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20CJQ060 IRF-20CJQ060 Datasheet
177Kb / 4P
SCHOTTKY RECTIFIER, 2 Amp
21DQ04 IRF-21DQ04 Datasheet
39Kb / 5P
SCHOTTKY RECTIFIER(2 Amp)
logo
Microsemi Corporation
CH054S MICROSEMI-CH054S Datasheet
66Kb / 1P
2 AMP SCHOTTKY RECTIFIER DIE
logo
SeCoS Halbleitertechnol...
SCD12 SECOS-SCD12 Datasheet
320Kb / 2P
VOLTAGE 20V ~ 60V 1.0 AMP Surface Mount Schottky Barrier Rectifiers
SCD22 SECOS-SCD22 Datasheet
267Kb / 2P
VOLTAGE 20V ~ 60V 2.0 AMP Surface Mount Schottky Barrier Rectifiers
SCD32 SECOS-SCD32 Datasheet
268Kb / 2P
VOLTAGE 20V ~ 60V 3.0 AMP Surface Mount Schottky Barrier Rectifiers
SM520B SECOS-SM520B_12 Datasheet
403Kb / 2P
Voltage 20V ~ 60V 5.0 Amp Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
MBRD1020CT MCC-MBRD1020CT Datasheet
168Kb / 3P
10 Amp Schottky Rectifier 20V-100V
MBRD1220CT MCC-MBRD1220CT Datasheet
130Kb / 2P
12 Amp Schottky Rectifier 20V-45V
SB220L MCC-SB220L Datasheet
384Kb / 3P
2 Amp Schottky Rectifier 20V-100V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com