Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8062 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC8062 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC8062
Download  VSC8062 Download
File Size   684.1 Kbytes
Page   20 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset

VSC8062 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC8062 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC8062
Download  VSC8062 Click to download

File Size   684.1 Kbytes
Page   20 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset

VSC8062 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC8062 Product details

Functional Description
The VSC8061 and VSC8062 are high-speed interface devices capable of data rates up to 2.5Gb/s. The
devices are fabricated in gallium arsenide using the Vitesse H-GaAs E/D MESFET process to achieve high speed and low power dissipation. For ease of system design using these products, both devices use industry standard -5.2V and -2V power supplies, and have ECL-compatible I/O for parallel data interfaces. Typical
applications include telecommunication transmission and instrumentation.
   
Features
• Serial Data Rate up to 2.5Gb/s
• 16-Bit Wide ECL 100K Compatible Parallel Data
    Interface
• Differential High-Speed Data Outputs
• Differential or Single-Ended High-Speed Data and
    Clock Inputs
• On-Chip Phase Detector (VSC8061 Multiplexer)
• Power Dissipation: VSC8061:2.0W(max),
    VSC8062: 1.7W(max)
• Standard ECL Power Supplies: VEE = -5.2V,
    VTT = -2.0V
• Commercial (0°C to +70°C) or Industrial (-40°C
    to +85°C) Temperature Range
• Available in 52-Pin Ceramic Leaded Chip Carrier
    or 52-Pin Plastic Quad Flat Pack Packages
   




Similar Part No. - VSC8062

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8021 VITESSE-VSC8021 Datasheet
214Kb / 17P
2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
VSC8021FC VITESSE-VSC8021FC Datasheet
214Kb / 17P
2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
VSC8021FI VITESSE-VSC8021FI Datasheet
214Kb / 17P
2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
VSC8022 VITESSE-VSC8022 Datasheet
214Kb / 17P
2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
VSC8022FC VITESSE-VSC8022FC Datasheet
214Kb / 17P
2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
More results


Similar Description - VSC8062

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16233 TI-SN74CBT16233 Datasheet
77Kb / 5P
16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Fairchild Semiconductor
FST16233 FAIRCHILD-FST16233 Datasheet
100Kb / 6P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FSTU32160A FAIRCHILD-FSTU32160A Datasheet
96Kb / 6P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
logo
Vitesse Semiconductor C...
VSC7146 VITESSE-VSC7146 Datasheet
251Kb / 19P
2.5Gb/s, 20-Bit Transceiver
VSC8021 VITESSE-VSC8021 Datasheet
214Kb / 17P
2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
logo
Texas Instruments
SN74CBT16233 TI-SN74CBT16233_06 Datasheet
155Kb / 9P
16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16390 TI-SN74CBT16390_08 Datasheet
333Kb / 11P
16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74BCT2423A TI1-SN74BCT2423A Datasheet
231Kb / 14P
16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
logo
Fairchild Semiconductor
FST16233MTDX FAIRCHILD-FST16233MTDX Datasheet
101Kb / 6P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
FST16233 ONSEMI-FST16233 Datasheet
203Kb / 8P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
Revised November 2000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com