Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8022 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC8022 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC8022
Download  VSC8022 Download
File Size   214.6 Kbytes
Page   17 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset

VSC8022 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC8022 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC8022
Download  VSC8022 Click to download

File Size   214.6 Kbytes
Page   17 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset

VSC8022 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC8022 Product details

Functional Description
The VSC8021 and VSC8022 are high-speed SONET interface devices capable of handling serial data at rates up to 2.5Gb/s. These devices can be used for STS-3 through STS-48 SONET applications.
These products are fabricated in gallium arsenide using the Vitesse H-GaAs™ E/D MESFET process which achieves high-speed and low power dissipation. These products are packaged in a ceramic 52-pin leaded ceramic chip carrier.
   
Features
• Differential or Single-Ended Inputs and Outputs
• Low Power Dissipation: 2.3W (Typ Per Chip)
• Standard ECL Power Supplies:
    VEE = -5.2V, VTT = -2.0V
• Available in Commercial (0°C to +70°C) or Industrial
    (-40°C to +85°C) Temperature Ranges
• Proven E/D Mode GaAs Technology
• 52-Pin Leaded Ceramic Chip Carrier
• Serial Data Rates up to 2.5Gb/s
• Parallel Data Rates up to 312.5Mb/s
• ECL 100K Compatible Parallel Data I/Os
• Divide-by-8 Clock for Synchronization of
    Parallel Data to Interfacing Chips
• SONET Frame Recovery Circuitry
    (VSC8022)
• Compatible with STS-3 to STS-48
    SONET Applications
   




Similar Part No. - VSC8022

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8061 VITESSE-VSC8061 Datasheet
684Kb / 20P
2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
VSC8061FC VITESSE-VSC8061FC Datasheet
684Kb / 20P
2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
VSC8061QH VITESSE-VSC8061QH Datasheet
684Kb / 20P
2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
VSC8062 VITESSE-VSC8062 Datasheet
684Kb / 20P
2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
More results


Similar Description - VSC8022

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Pericom Semiconductor C...
PI5C3251 PERICOM-PI5C3251 Datasheet
373Kb / 6P
8:1 Mux/DeMux BusSwitch
logo
Vitesse Semiconductor C...
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
VSC8116 VITESSE-VSC8116 Datasheet
358Kb / 20P
ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC9210 VITESSE-VSC9210 Datasheet
973Kb / 2P
2.5Gb/s SONET/SDH FEC Encoder and Decoder
logo
Potato Semiconductor Co...
PO3B3251A POTATO-PO3B3251A_14 Datasheet
1Mb / 6P
8:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C3251 PERICOM-PI5C3251_11 Datasheet
481Kb / 4P
8:1 Mux/DeMux BusSwitch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com