Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8116 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC8116 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC8116
Download  VSC8116 Download
File Size   358.44 Kbytes
Page   20 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation

VSC8116 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC8116 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC8116
Download  VSC8116 Click to download

File Size   358.44 Kbytes
Page   20 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation

VSC8116 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC8116 Product details

General Description
The VSC8116 is an ATM/SONET/SDH compatible transceiver integrating an on-chip clock multiplication unit (PLL) for the high speed clock and 8 bit serial-to-parallel and parallel-to-serial data conversion. The high speed clock generated by the on-chip PLL is selectable for 155.52 or 622.08 MHz operation. The demultiplexer contains SONET/SDH frame detection and recovery. In addition, the device provides both facility and equipment loopback modes and loop timing modes. The part is packaged in a 64 PQFP with an integrated heat spreader for optimum thermal performance and reduced cost. The VSC8116 provides an integrated solution for ATM physical layers and SONET/SDH systems applications.
   
Features
• Loss of Signal (LOS) Control
• Provides Equipment, Facilities and Split
    Loopback Modes as well as Loop Timing Mode
• Meets Bellcore, ITU and ANSI Specifications for
    Jitter Performance
• Single 3.3V Supply Voltage
• Low Power - 1.2 Watts Maximum
• 64 PQFP Package
• Operates at Either STS-3/STM-1 (155.52 Mb/s) or
    STS-12/STM-4 (622.08 Mb/s) Data Rates
• Compatible with Industry ATM UNI Devices
• On Chip Clock Generation of the 155.52 Mhz
    or 622.08 Mhz High Speed Clock
• Dual 8 Bit Parallel TTL Interface
• SONET/SDH Frame Detection and Recovery
   




Similar Part No. - VSC8116

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8113 VITESSE-VSC8113 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB VITESSE-VSC8113QB Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB1 VITESSE-VSC8113QB1 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB2 VITESSE-VSC8113QB2 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
More results


Similar Description - VSC8116

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C955 CYPRESS-CY7C955 Datasheet
466Kb / 78P
AX??ATM-SONET/SDH Transceiver
November 29, 1999
logo
Vitesse Semiconductor C...
VSC8117 VITESSE-VSC8117 Datasheet
406Kb / 22P
ATM/SONET/SDH 622/155 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB VITESSE-VSC8113QB Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8140 VITESSE-VSC8140 Datasheet
528Kb / 34P
2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8144 VITESSE-VSC8144 Datasheet
17Kb / 1P
2.488Gb/s 4:1 SONET/SDH Transceiver with Integrated Clock Generator
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
SONET/SDH/ATM OC-48 Transceiver With CDR
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
155 Mbps SDH/SONET/ATM Transceiver
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
logo
Applied Micro Circuits ...
S3029 AMCC-S3029 Datasheet
88Kb / 11P
SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com