Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8144 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC8144 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC8144
Download  VSC8144 Download
File Size   17.71 Kbytes
Page   1 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 2.488Gb/s 4:1 SONET/SDH Transceiver with Integrated Clock Generator

VSC8144 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC8144 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC8144
Download  VSC8144 Click to download

File Size   17.71 Kbytes
Page   1 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 2.488Gb/s 4:1 SONET/SDH Transceiver with Integrated Clock Generator

VSC8144 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC8144 Product details

General Description
The VSC8144 is a SONET/SDH compatible multi-rate transceiver with integrated clock generator for use in SONET/SDH systems operating at OC-48, OC-24, OC-12, OC-3, or Gigabit Ethernet data rates. The internal clock generator uses a Phase Locked Loop (PLL) to multiply either a 77.76MHz, 155.52MHz, or 622.08MHz reference clock for internal logic and output retiming. The 4-bit parallel LVDS interface incorporates an on-board FIFO to address loop timing design issues. Facility and Equipment Loopbacks can be configured separately or simultaneously. The device operates with 2.5 W maximum power and is packaged in a thermally enhanced 100-pin PQFP package.
   
Features
• Multi-Rate Transceiver for SONET OC-48, OC-24,
    OC-12, OC-3, and Gigabit Ethernet Rates
• 4-Bit LVDS Low-Speed Interface
• On-Chip PLL-Based Clock Generator
• High-Speed Clock Output
• Equipment, Facility and Split Loopback Modes
• Exceeds Bellcore Jitter Performance
• Single 3.3V Power Supply
• 2.5 W Maximum Power Dissipation
• 100-Pin PQFP (14x14x2mm)
   




Similar Part No. - VSC8144

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8140 VITESSE-VSC8140 Datasheet
528Kb / 34P
2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8140QR VITESSE-VSC8140QR Datasheet
528Kb / 34P
2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8140TW VITESSE-VSC8140TW Datasheet
528Kb / 34P
2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8141 VITESSE-VSC8141 Datasheet
13Kb / 1P
Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8141QR VITESSE-VSC8141QR Datasheet
13Kb / 1P
Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
More results


Similar Description - VSC8144

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8121 VITESSE-VSC8121 Datasheet
176Kb / 18P
2.488GHz SONET/SDH Clock Generator
VSC8116 VITESSE-VSC8116 Datasheet
358Kb / 20P
ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8140 VITESSE-VSC8140 Datasheet
528Kb / 34P
2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
OC-48 16:1 SONET/SDH MUX with Clock Generator
VSC8151 VITESSE-VSC8151 Datasheet
471Kb / 30P
2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
VSC8132 VITESSE-VSC8132 Datasheet
121Kb / 14P
2.488Gb/s 1:32 SONET/SDH Demux
VSC8150 VITESSE-VSC8150 Datasheet
164Kb / 20P
2.488Gb/s SONET/SDH Overhead Monitor
VSC8131 VITESSE-VSC8131 Datasheet
149Kb / 16P
2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
VSC8169 VITESSE-VSC8169 Datasheet
185Kb / 18P
OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
VSC8141 VITESSE-VSC8141 Datasheet
13Kb / 1P
Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com