Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8163 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC8163 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC8163
Download  VSC8163 Download
File Size   191.96 Kbytes
Page   20 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description OC-48 16:1 SONET/SDH MUX with Clock Generator

VSC8163 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC8163 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC8163
Download  VSC8163 Click to download

File Size   191.96 Kbytes
Page   20 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description OC-48 16:1 SONET/SDH MUX with Clock Generator

VSC8163 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC8163 Product details

General Description
The VSC8163 is a 16:1 multiplexer with integrated clock generator for use in SONET/SDH systems operating at a 2.48832Gb/s data rate. The internal clock generator uses a Phase-Locked Loop (PLL) to multiply either a 77.76MHz or 155.52MHz reference clock in order to provide the 2.48832GHz clock for internal logic and output retiming. The 16-bit parallel interface incorporates an on-board FIFO, eliminating loop timing design issues by providing a flexible parallel timing architecture. The device operates using a +3.3V power supply, and is packaged in a thermally-enhanced plastic package. The thermal performance of the 128PQFP allows the use of the VSC8163 without a heat sink under most thermal conditions.
   
Features
• 2.488Gb/s 16:1 Multiplexer
• Targeted for SONET OC-48 / SDH STM-16
    Applications
• Differential LVPECL Low-Speed Interface
• On-Chip PLL-Based Clock Generator
• 128 Pin, 14x20mm PQFP Package
• Single +3.3V Supply
   




Similar Part No. - VSC8163

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8162 VITESSE-VSC8162 Datasheet
151Kb / 20P
2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
VSC8164 VITESSE-VSC8164 Datasheet
153Kb / 16P
2.488 Gbit/sec to 2.7Gbit/sec 1:16 SONET/SDH Demux
VSC8164QR VITESSE-VSC8164QR Datasheet
153Kb / 16P
2.488 Gbit/sec to 2.7Gbit/sec 1:16 SONET/SDH Demux
VSC8166 VITESSE-VSC8166 Datasheet
171Kb / 16P
2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery
VSC8169 VITESSE-VSC8169 Datasheet
185Kb / 18P
OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
More results


Similar Description - VSC8163

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Exar Corporation
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC8140 VITESSE-VSC8140 Datasheet
528Kb / 34P
2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8131 VITESSE-VSC8131 Datasheet
149Kb / 16P
2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
VSC8171 VITESSE-VSC8171 Datasheet
246Kb / 2P
SONET/SDH 16:1 Mux with CMU
VSC8169 VITESSE-VSC8169 Datasheet
185Kb / 18P
OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
logo
Exar Corporation
XRT91L80 EXAR-XRT91L80 Datasheet
271Kb / 41P
2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
SONET/SDH/ATM OC-48 Transceiver With CDR
logo
Zarlink Semiconductor I...
ZL30116 ZARLINK-ZL30116 Datasheet
583Kb / 31P
SONET/SDH OC-48/OC-192 System Synchronizer
logo
Silicon Laboratories
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com