Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8140 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC8140 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC8140
Download  VSC8140 Download
File Size   528.95 Kbytes
Page   34 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator

VSC8140 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC8140 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC8140
Download  VSC8140 Click to download

File Size   528.95 Kbytes
Page   34 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator

VSC8140 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC8140 Product details

General Description
The VSC8140 is a SONET/SDH compatible transceiver with integrated clock generator for use in SONET/SDH systems operating at a 2.48832Gb/s data rate. The internal clock generator uses a Phase-Locked Loop (PLL) to multiply either a 77.76MHz or 155.52MHz reference clock in order to provide the 2.48832GHz clock for internal logic and output retiming. The 16-bit parallel interface incorporates an on-board FIFO eliminating loop timing design issues by providing a flexible parallel timing architecture. In addition, the device provides both facility and equipment loopback modes and two loop timing modes. The VSC8140 operates using a 3.3V power supply, and is available in either a thermally-enhanced 128-PQFP or a thermally-enhanced 208-pin TBGA package.
   
Features
• 2.48832Gb/s 16-Bit Transceiver
• Targeted for SONET OC-48 / SDH STM-16
    Applications
• LVPECL Low-Speed Interface
• On-chip PLL-Based Clock Generator
• High-Speed Clock Output With Power-Down
    Option
• Supports Parity at the 16-Bit Parallel Transmit
    and Receive Interfaces
• Provides Equipment, Facilities and Split
    Loopback Modes as well as Loop Timing Modes
• Loss of Signal (LOS) Detect input
• Meets Bellcore Jitter Performance Specifications
• Single +3.3V Supply
• 2.25 Watts Typical Power Dissipation
• Packages: 128-pin PQFP or 208-pin TBGA
   




Similar Part No. - VSC8140

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8141 VITESSE-VSC8141 Datasheet
13Kb / 1P
Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8141QR VITESSE-VSC8141QR Datasheet
13Kb / 1P
Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8141TW VITESSE-VSC8141TW Datasheet
13Kb / 1P
Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8142 VITESSE-VSC8142 Datasheet
540Kb / 2P
2.5G Multi-rate SONET/SDH Transceiver Family
VSC8144 VITESSE-VSC8144 Datasheet
17Kb / 1P
2.488Gb/s 4:1 SONET/SDH Transceiver with Integrated Clock Generator
More results


Similar Description - VSC8140

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8121 VITESSE-VSC8121 Datasheet
176Kb / 18P
2.488GHz SONET/SDH Clock Generator
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8116 VITESSE-VSC8116 Datasheet
358Kb / 20P
ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
OC-48 16:1 SONET/SDH MUX with Clock Generator
logo
Maxim Integrated Produc...
MAX3881 MAXIM-MAX3881 Datasheet
193Kb / 11P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/01
logo
Vitesse Semiconductor C...
VSC8131 VITESSE-VSC8131 Datasheet
149Kb / 16P
2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
VSC8144 VITESSE-VSC8144 Datasheet
17Kb / 1P
2.488Gb/s 4:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8169 VITESSE-VSC8169 Datasheet
185Kb / 18P
OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
VSC8141 VITESSE-VSC8141 Datasheet
13Kb / 1P
Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com