Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8131 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC8131 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC8131
Download  VSC8131 Download
File Size   149.27 Kbytes
Page   16 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator

VSC8131 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC8131 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC8131
Download  VSC8131 Click to download

File Size   149.27 Kbytes
Page   16 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator

VSC8131 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC8131 Product details

General Description
The VSC8131 multiplexes 32 TTL compatible 77.76Mb/s Parallel Data Inputs (D0-D31) into a single LVPECL 2.488 Gb/s serial output (DO+) for use in SONET STS-48/SDH STM-16 systems. An integrated Clock Multiplier Unit (CMU) generates a LVPECL 2.488 GHz clock signal (CO+) from an externally supplied LVPECL compliant 77.76MHz reference clock (REFCLK+) which is used to retime the transmitted serialized data. A Divide-by-32 TTL clock output (CK78OUT) is used as a clock input (CK78IN) for timing of the parallel data inputs. Parity Checking (PARBIT) is performed on the incoming data with a selectable even or odd TTL parity mode input (PARMODE) and a TTL Parity Error (PARERR) output. A TTL Loss Of Lock (LOL) output indicator is used to report the loss of the REFCLK+ or for conditions resulting in the CMU losing lock to incoming clock.

Features
• 2.488Gb/s 32:1 Mux with Clock Generator
• SONET STS-48/SDH STM-16
• LVPECL Differential High Speed Serial Data and Clock Outputs
• 32 TTL Parallel Data Inputs with Odd/Even Parity Check
• 128 Pin, 14x20x2 mm Enhanced-PQFP
• Single 3.3V Supply
• 2.15W Max Power Dissipation




Similar Part No. - VSC8131

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8132 VITESSE-VSC8132 Datasheet
121Kb / 14P
2.488Gb/s 1:32 SONET/SDH Demux
VSC8132QR VITESSE-VSC8132QR Datasheet
121Kb / 14P
2.488Gb/s 1:32 SONET/SDH Demux
More results


Similar Description - VSC8131

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3831 MAXIM-MAX3831 Datasheet
285Kb / 16P
3.3V, 2.5Gbps, SDH/SONET, 4-Channel Interconnect Mux/Demux ICs with Clock Generator
19-1534; Rev 1; 10/99
logo
Vitesse Semiconductor C...
VSC8162 VITESSE-VSC8162 Datasheet
151Kb / 20P
2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
SC8164 VITESSE-SC8164 Datasheet
153Kb / 16P
2.488 Gbit/sec to 2.7Gbit/sec 1:16 SONET/SDH Demux
VSC8121 VITESSE-VSC8121 Datasheet
176Kb / 18P
2.488GHz SONET/SDH Clock Generator
VSC8140 VITESSE-VSC8140 Datasheet
528Kb / 34P
2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
OC-48 16:1 SONET/SDH MUX with Clock Generator
VSC8144 VITESSE-VSC8144 Datasheet
17Kb / 1P
2.488Gb/s 4:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8166 VITESSE-VSC8166 Datasheet
171Kb / 16P
2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery
VSC8171 VITESSE-VSC8171 Datasheet
246Kb / 2P
SONET/SDH 16:1 Mux with CMU
VSC8169 VITESSE-VSC8169 Datasheet
185Kb / 18P
OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com