Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8164 Datasheet (PDF) - Vitesse Semiconductor Corporation

SC8164 Datasheet PDF - Vitesse Semiconductor Corporation
Part # SC8164
Download  SC8164 Download
File Size   153.95 Kbytes
Page   16 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 2.488 Gbit/sec to 2.7Gbit/sec 1:16 SONET/SDH Demux

SC8164 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC8164 Datasheet PDF - Vitesse Semiconductor Corporation

Part # SC8164
Download  SC8164 Click to download

File Size   153.95 Kbytes
Page   16 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 2.488 Gbit/sec to 2.7Gbit/sec 1:16 SONET/SDH Demux

SC8164 Datasheet (HTML) - Vitesse Semiconductor Corporation




Similar Part No. - SC8164

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SC816D150C SCHNEIDER-SC816D150C Datasheet
159Kb / 4P
METER MAIN RING T-FEED THRU OH/UG 150A
Mar 30, 2020
SC816D200C SCHNEIDER-SC816D200C Datasheet
158Kb / 4P
METER MAIN RING T-FEED THRU OH/UG 200A
Mar 30, 2020
SC816F150PS SCHNEIDER-SC816F150PS Datasheet
149Kb / 2P
Homeline All In One combination service entrance device, ringed socket, no bypass, OH, UG, 150 A, 8 spaces, solar ready
Mar 30, 2020
SC816F200F150 SCHNEIDER-SC816F200F150 Datasheet
64Kb / 2P
METER MAIN RING T-FEED THRU OH/UG 150A
Mar 30, 2020
SC816F200PF SCHNEIDER-SC816F200PF Datasheet
90Kb / 2P
METER MAIN RING OH/UG SEMIFLUSH 200A SOL
Mar 30, 2020
More results


Similar Description - SC8164

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8033 TRIQUINT-TQ8033 Datasheet
559Kb / 18P
1.5 Gbit/sec 64x33 Expandable Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC8162 VITESSE-VSC8162 Datasheet
151Kb / 20P
2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
logo
Exar Corporation
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC8132 VITESSE-VSC8132 Datasheet
121Kb / 14P
2.488Gb/s 1:32 SONET/SDH Demux
VSC8131 VITESSE-VSC8131 Datasheet
149Kb / 16P
2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
VSC8166 VITESSE-VSC8166 Datasheet
171Kb / 16P
2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery
logo
Exar Corporation
XRT91L80 EXAR-XRT91L80 Datasheet
271Kb / 41P
2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L82 EXAR-XRT91L82 Datasheet
391Kb / 59P
2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
logo
Agilent(Hewlett-Packard...
HDMP-3268 HP-HDMP-3268 Datasheet
162Kb / 18P
3.2 Gbit/sec 68x68 Crosspoint Switch
logo
Exar Corporation
XRT91L80_0507 EXAR-XRT91L80_0507 Datasheet
335Kb / 45P
2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com