Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8166 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC8166 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC8166
Download  VSC8166 Download
File Size   171.79 Kbytes
Page   16 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery

VSC8166 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC8166 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC8166
Download  VSC8166 Click to download

File Size   171.79 Kbytes
Page   16 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery

VSC8166 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC8166 Product details

General Description
The VSC8166 demultiplexes a 2.488Gbp/s LVPECL serial input datastream (DI+) to 16-bit wide, LVPECL 155Mb/s parallel data outputs (D0:D15+) for SONET/SDH applications. It has an integrated clock and data recovery unit with an on-chip PLL that internally generates a 2.488GHz clock in phase with the incoming data. Internal divider circuits are used to take the high-speed clock and generate 155.52MHz (CLK16O+) and 77.76MHz (CLK32O+) LVPECL external output clocks. The incoming data is retimed and demultiplexed to a 16-bit word which is clocked out of the demultiplexer by the 155.52MHz output clock.
   
Features
• 2.488Gb/s 1:16 Demultiplexer
• Fully Integrated Clock and Data Recovery
• Single 3.3V Supply Operation
• Differential LVPECL Low Speed Interface
• Maintains Clock Output in the Absence of
    Data
• Loss of Lock, Loss of Signal Indicators
• 128 Pin 14x20x2 mm Enhanced PQFP Pkg.
• 2.3W Max Power Dissipation
   




Similar Part No. - VSC8166

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8162 VITESSE-VSC8162 Datasheet
151Kb / 20P
2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
OC-48 16:1 SONET/SDH MUX with Clock Generator
VSC8163QR VITESSE-VSC8163QR Datasheet
191Kb / 20P
OC-48 16:1 SONET/SDH MUX with Clock Generator
VSC8164 VITESSE-VSC8164 Datasheet
153Kb / 16P
2.488 Gbit/sec to 2.7Gbit/sec 1:16 SONET/SDH Demux
VSC8164QR VITESSE-VSC8164QR Datasheet
153Kb / 16P
2.488 Gbit/sec to 2.7Gbit/sec 1:16 SONET/SDH Demux
More results


Similar Description - VSC8166

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3880 MAXIM-MAX3880 Datasheet
194Kb / 12P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/99
logo
Vitesse Semiconductor C...
VSC8162 VITESSE-VSC8162 Datasheet
151Kb / 20P
2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
SC8164 VITESSE-SC8164 Datasheet
153Kb / 16P
2.488 Gbit/sec to 2.7Gbit/sec 1:16 SONET/SDH Demux
logo
Exar Corporation
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
OC-48 16:1 SONET/SDH MUX with Clock Generator
VSC8132 VITESSE-VSC8132 Datasheet
121Kb / 14P
2.488Gb/s 1:32 SONET/SDH Demux
logo
Maxim Integrated Produc...
MAX3881 MAXIM-MAX3881 Datasheet
193Kb / 11P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/01
logo
Vitesse Semiconductor C...
VSC8131 VITESSE-VSC8131 Datasheet
149Kb / 16P
2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
logo
Exar Corporation
XRT91L80 EXAR-XRT91L80 Datasheet
271Kb / 41P
2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com