Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3880 Datasheet (PDF) - Maxim Integrated Products

MAX3880 Datasheet PDF - Maxim Integrated Products
Part # MAX3880
Download  MAX3880 Download
File Size   194.31 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery

MAX3880 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3880 Datasheet PDF - Maxim Integrated Products

Part # MAX3880
Download  MAX3880 Click to download

File Size   194.31 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery

MAX3880 Datasheet (HTML) - Maxim Integrated Products


MAX3880 Product details

General Description
The MAX3880 deserializer with clock recovery is ideal for converting 2.488Gbps serial data to 16-bit-wide, 155Mbps parallel data for SDH/SONET applications. Operating from a single +3.3V supply, this device accepts high-speed serial-data inputs and delivers low voltage differential-signal (LVDS) parallel clock and data outputs for interfacing with digital circuitry.
The MAX3880 includes a low-power clock recovery and data retiming function for 2.488Gbps applications. The fully integrated phase-locked loop (PLL) recovers a synchronous clock signal from the serial NRZ data input; the signal is then retimed by the recovered clock.
The MAX3880’s jitter performance exceeds all SDH/SONET specifications. An additional 2.488Gbps serial input is available for system loopback diagnostic testing. The device also includes a TTL-compatible loss-of-lock (LOL) monitor and LVDS synchronization inputs that enable data realignment and reframing.
The MAX3880 is available in the extended temperature range (-40°C to +85°C) in a 64-pin TQFP-EP (exposed pad) package

Features
♦ Single +3.3V Supply
♦ 910mW Operating Power
♦ Fully Integrated Clock Recovery and Data Retiming
♦ Exceeds ANSI, ITU, and Bellcore Specifications
♦ Additional High-Speed Input Facilitates System
   Loopback Diagnostic Testing
♦ 2.488Gbps Serial to 155Mbps Parallel Conversion
♦ LVDS Data Outputs and Synchronization Inputs
♦ Tolerates >2000 Consecutive Identical Digits
♦ Loss-of-Lock Indicator

Applications
   2.488Gbps SDH/SONET Transmission Systems
   Add/Drop Multiplexers
   Digital Cross-Connects




Similar Part No. - MAX3880

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38800 MAXIM-MAX38800 Datasheet
1Mb / 28P
Integrated, Step-Down Switching Regulator With Selectable Applications Configurations
Rev 0; 9/17
MAX38800EVKIT MAXIM-MAX38800EVKIT Datasheet
1Mb / 15P
High-Efficiency Solution Inductor valley current limit is Configured to 7.5A
Rev 0; 8/17
MAX38800EVKIT# MAXIM-MAX38800EVKIT# Datasheet
1Mb / 15P
Evaluates: MAX38800
2018
MAX38800EVKIT MAXIM-MAX38800EVKIT_V01 Datasheet
1Mb / 15P
Evaluates: MAX38800
2018
MAX38800HCS+T MAXIM-MAX38800HCS+T Datasheet
1Mb / 28P
Integrated, Step-Down Switching Regulator With Selectable Applications Configurations
Rev 0; 9/17
More results


Similar Description - MAX3880

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3680 MAXIM-MAX3680 Datasheet
78Kb / 8P
3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
19-1210; Rev 0; 3/97
MAX3681 MAXIM-MAX3681 Datasheet
63Kb / 8P
3.3V, 622Mbps, SDH/SONET 1:4 Deserializer with LVDS Outputs
19-1091; Rev 0; 6/96
MAX3885 MAXIM-MAX3885 Datasheet
125Kb / 8P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with LVDS Outputs
Rev 2; 1/99
MAX3890 MAXIM-MAX3890 Datasheet
155Kb / 12P
3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs
Rev 0; 6/99
logo
Vitesse Semiconductor C...
VSC8162 VITESSE-VSC8162 Datasheet
151Kb / 20P
2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
OC-48 16:1 SONET/SDH MUX with Clock Generator
logo
Maxim Integrated Produc...
MAX3881 MAXIM-MAX3881 Datasheet
193Kb / 11P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/01
logo
Vitesse Semiconductor C...
VSC8166 VITESSE-VSC8166 Datasheet
171Kb / 16P
2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery
logo
Maxim Integrated Produc...
MAX3891 MAXIM-MAX3891 Datasheet
521Kb / 12P
16:1 Serializer, 3.3V, 2.5Gbps, SDH/SONET with Clock Synthesis and LVPECL Inputs
Rev 0; 2/01
MAX3680 MAXIM-MAX3680_V01 Datasheet
123Kb / 8P
3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
2007
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com