Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3680 Datasheet (PDF) - Maxim Integrated Products

MAX3680 Datasheet PDF - Maxim Integrated Products
Part # MAX3680
Download  MAX3680 Download
File Size   78.47 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs

MAX3680 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3680 Datasheet PDF - Maxim Integrated Products

Part # MAX3680
Download  MAX3680 Click to download

File Size   78.47 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs

MAX3680 Datasheet (HTML) - Maxim Integrated Products


MAX3680 Product details

General Description
The MAX3680/MAX3680A deserializer is ideal for converting 622Mbps serial data to 8-bit-wide, 77Mbps parallel data in ATM and SDH/SONET applications. Operating from a single +3.3V supply, this device accepts PECL serial clock and data inputs, and delivers TTL clock and data outputs. The MAX3680 also provides a TTL synchronization input that enables data realignment and reframing.

Features
♦ Single +3.3V Supply
♦ 622Mbps Serial to 77Mbps Parallel Conversion
♦ 165mW Power
♦ Synchronization Input for Data Realignment and
   Reframing (MAX3680)
♦ Differential 3.3V PECL Clock and Data Inputs
♦ TTL Data Outputs

Applications
   622Mbps SDH/SONET Transmission Systems
   622Mbps ATM/SONET Access Nodes
   Add/Drop Multiplexers
   Digital Cross-Connects




Similar Part No. - MAX3680

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3680AEAI MAXIM-MAX3680AEAI Datasheet
123Kb / 8P
3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
2007
MAX3680EAI MAXIM-MAX3680EAI Datasheet
123Kb / 8P
3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
2007
MAX3680EAI+ MAXIM-MAX3680EAI+ Datasheet
123Kb / 8P
3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
2007
MAX3680 MAXIM-MAX3680_V01 Datasheet
123Kb / 8P
3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
2007
More results


Similar Description - MAX3680

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
MAX3681 MAXIM-MAX3681 Datasheet
63Kb / 8P
3.3V, 622Mbps, SDH/SONET 1:4 Deserializer with LVDS Outputs
19-1091; Rev 0; 6/96
MAX3690 MAXIM-MAX3690 Datasheet
117Kb / 8P
3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 1; 4/99
MAX3880 MAXIM-MAX3880 Datasheet
194Kb / 12P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/99
MAX3885 MAXIM-MAX3885 Datasheet
125Kb / 8P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with LVDS Outputs
Rev 2; 1/99
MAX3881 MAXIM-MAX3881 Datasheet
193Kb / 11P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/01
MAX3690ECJ-T MAXIM-MAX3690ECJ-T Datasheet
444Kb / 8P
3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
Rev 2; 7/04
MAX3690 MAXIM-MAX3690_V01 Datasheet
444Kb / 8P
3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 2; 7/04
MAX3680 MAXIM-MAX3680_V01 Datasheet
123Kb / 8P
3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
2007
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com