Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8114 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC8114 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC8114
Download  VSC8114 Download
File Size   434.84 Kbytes
Page   24 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery

VSC8114 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC8114 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC8114
Download  VSC8114 Click to download

File Size   434.84 Kbytes
Page   24 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery

VSC8114 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC8114 Product details

General Description
The VSC8114 is an ATM/SONET/SDH compatible transceiver integrating an on-chip Clock Multiplication Unit (PLL) for high speed clock generation as well as a Clock and data Recovery Unit (CRU) with 8-bit serial-to-parallel and parallel-to-serial data conversion. The PLL clock is used for serialization in the transmit direction (Mux). The recovered clock is used for deserialization in the receive direction (Demux). The demultiplexer contains SONET/SDH frame detection and recovery. In addition, the device provides both facility and equipment loopback modes and a loop time mode. The part is packaged in a 100PQFP with an integrated heat spreader for optimum thermal performance and reduced cost. The VSC8114 provides an integrated solution for ATM physical layers and SONET/SDH systems applications.
   
Features
• Loss of Signal (LOS) Input & LOS Detection
• +3.3V/5V Programmable PECL Serial Interface
• Provides Equipment, Facilities and Split
    Loopback Modes as well as Loop Timing Mode
• Provide PECL Reference Clock Inputs
• Meets Bellcore, ITU and ANSI Specifications
    for Jitter Performance
• Low Power - 0.9Watts Typical
• 100 PQFP Package
• Operates at STS-12/STM-4 (622.08Mb/s)
    Data Rate
• Compatible with Industry ATM UNI Devices
• On Chip Clock Generation of the 622.08MHz
    High Speed Clock (Mux)
• On Chip Clock Recovery of the 622.08MHz
    High Speed Clock (Demux)
• 8-Bit Parallel TTL Interface with Parity Error
    Detection and Generation
• SONET/SDH Frame Recovery
   




Similar Part No. - VSC8114

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8113 VITESSE-VSC8113 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB VITESSE-VSC8113QB Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB1 VITESSE-VSC8113QB1 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB2 VITESSE-VSC8113QB2 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
More results


Similar Description - VSC8114

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8101C TRIQUINT-TQ8101C Datasheet
227Kb / 14P
622/155 Mb/s SONET/SDH MDFP
TQ8103 TRIQUINT-TQ8103 Datasheet
194Kb / 9P
622 Mb/s Clock & Data Recovery
logo
Agere Systems
1417G5 AGERE-1417G5 Datasheet
149Kb / 12P
NetLight 1417G5 and 1417H5-Type ATM/SONET/SDH Transceivers with Clock Recovery
January 2000
logo
Vitesse Semiconductor C...
VSC8162 VITESSE-VSC8162 Datasheet
151Kb / 20P
2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
VSC8117 VITESSE-VSC8117 Datasheet
406Kb / 22P
ATM/SONET/SDH 622/155 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB VITESSE-VSC8113QB Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8116 VITESSE-VSC8116 Datasheet
358Kb / 20P
ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8140 VITESSE-VSC8140 Datasheet
528Kb / 34P
2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8144 VITESSE-VSC8144 Datasheet
17Kb / 1P
2.488Gb/s 4:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com