Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8117 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC8117 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC8117
Download  VSC8117 Download
File Size   406.49 Kbytes
Page   22 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description ATM/SONET/SDH 622/155 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery

VSC8117 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC8117 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC8117
Download  VSC8117 Click to download

File Size   406.49 Kbytes
Page   22 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description ATM/SONET/SDH 622/155 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery

VSC8117 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC8117 Product details

General Description
The VSC8117 is an ATM/SONET/SDH compatible transceiver integrating an on-chip Clock Multiplication Unit (PLL) for the high speed clock as well as a clock and data recovery unit (CRU) with 8 bit serial-to-parallel and parallel-to-serial data conversion. The PLL clock is used for serialization in the transmit direction (Mux). The recovered clock is used for deserialization in the receive direction (Demux). The demultiplexer contains SONET/SDH frame detection and recovery. The device provides facility loopback, equipment loopback, and loop timing modes. The part is packaged in a 64-pin PQFP with integrated heat spreader for optimum thermal performance and reduced cost. The VSC8117 provides an integrated solution for ATM physical layers and SONET/SDH systems applications.
   
Features
• +3.3V/5V programmable PECL Serial Interface
• Provides Equipment, Facilities and Split
    Loopback Modes as well as Loop Timing Mode
• Provides TTL and PECL reference clock inputs
• Meets Bellcore, ITU and ANSI Specifications for
    Jitter Performance
• Low Power - 1.0 Watts Typical
• 64 PQFP Package
• Operates at Either STS-3/STM-1 (155.52Mb/s)
    or STS-12/STM-4 (622.08Mb/s) Data Rates
• Compatible with Industry ATM UNI Devices
• On Chip Clock Generation of the 155.52MHz
    or 622.08MHz High Speed Clock (Mux)
• On Chip Clock Recovery of the 155.52MHz or
    622.08MHz High Speed Clock (Demux)
• 8 Bit Parallel TTL Interface
• SONET/SDH Frame Recovery
• Loss of Signal (LOS) Input & LOS Detection
   




Similar Part No. - VSC8117

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8113 VITESSE-VSC8113 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB VITESSE-VSC8113QB Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB1 VITESSE-VSC8113QB1 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB2 VITESSE-VSC8113QB2 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
More results


Similar Description - VSC8117

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8101C TRIQUINT-TQ8101C Datasheet
227Kb / 14P
622/155 Mb/s SONET/SDH MDFP
TQ8103 TRIQUINT-TQ8103 Datasheet
194Kb / 9P
622 Mb/s Clock & Data Recovery
logo
Vitesse Semiconductor C...
VSC8113QB VITESSE-VSC8113QB Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8116 VITESSE-VSC8116 Datasheet
358Kb / 20P
ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
logo
Analog Devices
ADN2807 AD-ADN2807 Datasheet
363Kb / 20P
155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
5/04-Data Sheet Changed from Rev. 0 to Rev. A
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
155 Mbps SDH/SONET/ATM Transceiver
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
logo
Applied Micro Circuits ...
S3029 AMCC-S3029 Datasheet
88Kb / 11P
SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
logo
Analog Devices
ADN2807 AD-ADN2807_15 Datasheet
534Kb / 20P
155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com