Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2807 Datasheet (PDF) - Analog Devices

ADN2807 Datasheet PDF - Analog Devices
Part # ADN2807
Download  ADN2807 Download
File Size   363.88 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp

ADN2807 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2807 Datasheet PDF - Analog Devices

Part # ADN2807
Download  ADN2807 Click to download

File Size   363.88 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp

ADN2807 Datasheet (HTML) - Analog Devices


ADN2807 Product details

GENERAL DESCRIPTION
The ADN2807 provides the receiver functions of quantization, signal level detect, and clock and data recovery at rates of OC-3, OC-12, and 15/14 FEC. All SONET jitter requirements are met, including jitter transfer, jitter generation, and jitter tolerance. All specifications are quoted for –40°C to +85°C ambient temperature, unless otherwise noted.

FEATURES
   Meets SONET requirements for jitter transfer/
      generation/tolerance
   Quantizer sensitivity: 4 mV typical
   Adjustable slice level: ±100 mV
   Patented clock recovery architecture
   Loss-of-signal detect range: 3 mV to 15 mV
   Single-reference clock frequency for all rates, including
      15/14 (7%) wrapper rate
   Choice of 19.44 MHz, 38.88 MHz, 77.76 MHz, or
      155.52 MHz REFCLK
   REFCLK inputs: LVPECL/LVDS/LVCMOS/LVTTL compatible
      (LVPECL/LVDS only at 155.52 MHz)
   Optional 19.44 MHz on-chip oscillator to be used with
      external crystal
   Loss-of-lock indicator
   Loopback mode for high speed test data
   Output squelch and bypass features
   Single-supply operation: 3.3 V
   Low power: 540 mW typical
   7 mm × 7 mm, 48-lead LFCSP

APPLICATIONS
   SONET OC-3/-12, SDH STM-1/-4 and, 15/14 FEC rates
   WDM transponders
   Regenerators/repeaters
   Test equipment
   Passive optical networks




Similar Part No. - ADN2807

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2807 AD-ADN2807 Datasheet
354Kb / 21P
155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amplifier
Rev. B
ADN2807ACPZ AD-ADN2807ACPZ Datasheet
354Kb / 21P
155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amplifier
Rev. B
ADN2807ACPZ-RL AD-ADN2807ACPZ-RL Datasheet
354Kb / 21P
155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amplifier
Rev. B
ADN2807 AD-ADN2807_15 Datasheet
534Kb / 20P
155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2807 AD-ADN2807_V01 Datasheet
354Kb / 21P
155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amplifier
Rev. B
More results


Similar Description - ADN2807

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8103 TRIQUINT-TQ8103 Datasheet
194Kb / 9P
622 Mb/s Clock & Data Recovery
logo
Analog Devices
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
ADN2819 AD-ADN2819 Datasheet
570Kb / 24P
Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
5/04-Data Sheet Changed from Rev. A to Rev. B
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Jun-2004
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
2/06-Revision 0
ADN2813 AD-ADN2813 Datasheet
522Kb / 28P
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
9/05-Revision 0
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
ADN2807 AD-ADN2807_15 Datasheet
534Kb / 20P
155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2813 AD-ADN2813_15 Datasheet
435Kb / 28P
Data Recovery IC with Integrated Limiting Amp
REV. C
ADN2819 AD-ADN2819_15 Datasheet
585Kb / 24P
Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com