Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2813 Datasheet (PDF) - Analog Devices

ADN2813 Datasheet PDF - Analog Devices
Part # ADN2813
Download  ADN2813 Download
File Size   522.15 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp

ADN2813 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2813 Datasheet PDF - Analog Devices

Part # ADN2813
Download  ADN2813 Click to download

File Size   522.15 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp

ADN2813 Datasheet (HTML) - Analog Devices


ADN2813 Product details

GENERAL DESCRIPTION
The ADN2813 provides the receiver functions of quantization, signal level detect, and clock and data recovery for continuous data rates from 10 Mb/s to 1.25 Gb/s. The ADN2813 automatically locks to all data rates without the need for an external reference clock or programming. All SONET jitter requirements are met, including jitter transfer, jitter generation, and jitter tolerance. All specifications are quoted for −40°C to +85°C ambient temperature, unless otherwise noted.

FEATURES
   Serial data input: 10 Mb/s to 1.25 Gb/s
   Exceeds SONET requirements for jitter transfer/
      generation/tolerance
   Quantizer sensitivity: 3.3 mV typ
   Adjustable slice level: ±95 mV
   Patented clock recovery architecture
   Loss-of-signal (LOS) detect range: 2.3 mV to 19 mV
   Independent slice level adjust and LOS detector
   No reference clock required
   Loss-of-lock indicator
   I2C® interface to access optional features
   Single-supply operation: 3.3 V
   Low power: 450 mW typ
   5 mm × 5 mm 32-lead LFCSP, Pb free

APPLICATIONS
   SONET OC-1/-3/-12 and all associated FEC rates
   Fibre Channel, GbE, HDTVs
   WDM transponders
   Regenerators/repeaters
   Test equipment
   Broadband cross-connects and routers




Similar Part No. - ADN2813

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2813 AD-ADN2813 Datasheet
434Kb / 28P
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. C
ADN2813ACPZ AD-ADN2813ACPZ Datasheet
434Kb / 28P
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. C
ADN2813ACPZ-500RL7 AD-ADN2813ACPZ-500RL7 Datasheet
434Kb / 28P
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. C
ADN2813ACPZ-RL7 AD-ADN2813ACPZ-RL7 Datasheet
434Kb / 28P
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. C
ADN2813 AD-ADN2813_15 Datasheet
435Kb / 28P
Data Recovery IC with Integrated Limiting Amp
REV. C
More results


Similar Description - ADN2813

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
ADN2819 AD-ADN2819 Datasheet
570Kb / 24P
Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
5/04-Data Sheet Changed from Rev. A to Rev. B
ADN2807 AD-ADN2807 Datasheet
363Kb / 20P
155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
5/04-Data Sheet Changed from Rev. 0 to Rev. A
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Jun-2004
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Jun-2004
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
9/05-Revision 0
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816 AD-ADN2816_15 Datasheet
395Kb / 24P
Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com