Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2813 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN2813
Description  Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2813 Datasheet(HTML) 3 Page - Analog Devices

  ADN2813 Datasheet HTML 1Page - Analog Devices ADN2813 Datasheet HTML 2Page - Analog Devices ADN2813 Datasheet HTML 3Page - Analog Devices ADN2813 Datasheet HTML 4Page - Analog Devices ADN2813 Datasheet HTML 5Page - Analog Devices ADN2813 Datasheet HTML 6Page - Analog Devices ADN2813 Datasheet HTML 7Page - Analog Devices ADN2813 Datasheet HTML 8Page - Analog Devices ADN2813 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADN2813
Rev. 0 | Page 3 of 28
SPECIFICATIONS
TA = TMIN to TMAX, VCC = VMIN to VMAX, VEE = 0 V, CF = 0.47 μF, SLICEP = SLICEN = VEE, input data pattern: PRBS 223 − 1,
unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
QUANTIZER—DC CHARACTERISTICS
Input Voltage Range
@ PIN or NIN, dc-coupled
1.8
2.8
V
Peak-to-Peak Differential Input
PIN − NIN
2.0
V
Input Common-Mode Level
DC-coupled (see Figure 27, Figure 28, and Figure 29)
2.3
2.5
2.8
V
Differential Input Sensitivity
223 − 1 PRBS, ac-coupled,1 BER = 1 × 10–10
6
3.3
mV p-p
Input Offset
500
μV
Input RMS Noise
BER = 1 × 10–10
290
μV rms
QUANTIZER—AC CHARACTERISTICS
Data Rate
10
1250
Mb/s
S11
@ 2.5 GHz
−15
dB
Input Resistance
Differential
100
Ω
Input Capacitance
0.65
pF
QUANTIZER—SLICE ADJUSTMENT
Gain
SLICEP – SLICEN = ±0.5 V
0.10
0.11
0.13
V/V
Differential Control Voltage Input
SLICEP – SLICEN
−0.95
+0.95
V
Control Voltage Range
DC level @ SLICEP or SLICEN
VEE
0.95
V
Slice Threshold Offset
1
mV
LOSS-OF-SIGNAL (LOS) DETECT
Loss-of-Signal Detect Range (see Figure 6)
RTHRESH = 0 Ω
14
16.5
19
mV
RTHRESH = 100 kΩ
2.3
3.5
4.7
mV
Hysteresis (Electrical)
GbE
RTHRESH = 0 Ω
6.4
7.2
8.0
dB
RTHRESH = 100 kΩ
4.6
6.2
7.8
dB
OC-1
RTHRESH = 0 Ω
5.5
6.6
7.7
dB
RTHRESH = 10 kΩ
3.1
5.4
7.7
dB
LOS Assert Time
DC-coupled2
500
ns
LOS Deassert Time
DC-coupled2
400
ns
LOSS-OF-LOCK (LOL) DETECT
VCO Frequency Error for LOL Assert
With respect to nominal
1000
ppm
VCO Frequency Error for LOL Deassert
With respect to nominal
250
ppm
LOL Response Time
10 Mb/s
5
ms
OC-12
200
μs
GbE
200
μs
ACQUISITION TIME
Lock-to-Data Mode
GbE
1.5
ms
OC-12
2.0
ms
OC-3
3.4
ms
OC-1
9.8
ms
10 Mb/s
40.0
ms
Optional Lock to REFCLK Mode
20.0
ms
DATA RATE READBACK ACCURACY
Coarse Readback
See Table 13
10
%
Fine Readback
In addition to REFCLK accuracy
Data rate ≤ 20 Mb/s
200
ppm
Data rate > 20 Mb/s
100
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com