Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2813 Datasheet(PDF) 22 Page - Analog Devices

Part # ADN2813
Description  Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2813 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADN2813 Datasheet HTML 18Page - Analog Devices ADN2813 Datasheet HTML 19Page - Analog Devices ADN2813 Datasheet HTML 20Page - Analog Devices ADN2813 Datasheet HTML 21Page - Analog Devices ADN2813 Datasheet HTML 22Page - Analog Devices ADN2813 Datasheet HTML 23Page - Analog Devices ADN2813 Datasheet HTML 24Page - Analog Devices ADN2813 Datasheet HTML 25Page - Analog Devices ADN2813 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADN2813
Rev. 0 | Page 22 of 28
Transmission Lines
Use of 50 Ω transmission lines is required for all high frequency
input and output signals to minimize reflections: PIN, NIN,
CLKOUTP, CLKOUTN, DATAOUTP, and DATAOUTN (also
REFCLKP and REFCLKN, if a high frequency reference clock is
used, such as 155 MHz). It is also necessary for the PIN/NIN
input traces to be matched in length, and the CLKOUTP/
CLKOUTN and DATAOUTP/DATAOUTN output traces to be
matched in length to avoid skew between the differential traces.
The high speed inputs, PIN and NIN, are internally terminated
with 50 Ω to an internal reference voltage (see Figure 25).
A 0.1 μF is recommended between VREF, Pin 3, and GND to
provide an ac ground for the inputs.
As with any high speed, mixed-signal design, take care to keep
all high speed digital traces away from sensitive analog nodes.
CIN
CIN
50
Ω
0.1
μF
50
Ω
3k
Ω
NIN
PIN
ADN2813
2.5V
VREF
50
Ω
50
Ω
TIA
VCC
Figure 25. ADN2813 AC-Coupled Input Configuration
Soldering Guidelines for Lead Frame Chip Scale Package
The lands on the 32-lead LFCSP are rectangular. The printed
circuit board (PCB) pad for these should be 0.1 mm longer than
the package land length and 0.05 mm wider than the package
land width. The land should be centered on the pad. This
ensures that the solder joint size is maximized. The bottom of
the chip scale package has a central exposed pad. The pad on
the PCB should be at least as large as this exposed pad. The user
must connect the exposed pad to VEE using plugged vias so
that solder does not leak through the vias during reflow. This
ensures a solid connection from the exposed pad to VEE.
Choosing AC Coupling Capacitors
AC coupling capacitors at the input (PIN, NIN) and output
(DATAOUTP, DATAOUTN) of the ADN2813 must be chosen
such that the device works properly over the full range of data
rates used in the application. When choosing the capacitors, the
time constant formed with the two 50 Ω resistors in the signal
path must be considered. When a large number of consecutive
identical digits (CIDs) are applied, the capacitor voltage can
droop due to baseline wander (see Figure 26), causing pattern-
dependent jitter (PDJ).
The user must determine how much droop is tolerable and
choose an ac coupling capacitor based on that amount of droop.
The amount of PDJ can then be approximated based on the
capacitor selection. The actual capacitor value selection can
require some trade-offs between droop and PDJ.
For example, assuming 2% droop can be tolerated, then the
maximum differential droop is 4%. Normalizing to V p-p:
Droop = Δ V = 0.04 V = 0.5 V p-p (1 − e–t/τ); therefore, τ = 12t
where:
τ is the RC time constant (C is the ac coupling capacitor,
R = 100 Ω seen by C).
t is the total discharge time, which is equal to nT.
n is the number of CIDs.
T is the bit period.
The capacitor value can then be calculated by combining the
equations for τ and t:
C = 12nT/R
Once the capacitor value is selected, the PDJ can be
approximated as
PDJpspp = 0.5tr(1 − e(−nT/RC))/0.6
where:
PDJpspp is the amount of pattern-dependent jitter allowed;
< 0.01 UI p-p typical.
tr is the rise time, which is equal to 0.22/BW, where BW ~ 0.7
(bit rate).
Note that this expression for tr is accurate only for the inputs.
The output rise time for the ADN2813 is ~100 ps regardless of
data rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com