Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2813 Datasheet(PDF) 17 Page - Analog Devices

Part # ADN2813
Description  Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2813 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADN2813 Datasheet HTML 13Page - Analog Devices ADN2813 Datasheet HTML 14Page - Analog Devices ADN2813 Datasheet HTML 15Page - Analog Devices ADN2813 Datasheet HTML 16Page - Analog Devices ADN2813 Datasheet HTML 17Page - Analog Devices ADN2813 Datasheet HTML 18Page - Analog Devices ADN2813 Datasheet HTML 19Page - Analog Devices ADN2813 Datasheet HTML 20Page - Analog Devices ADN2813 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ADN2813
Rev. 0 | Page 17 of 28
acquires phase lock. Once locked, if the input frequency error
exceeds 1000 ppm (0.1%), the loss-of-lock signal is reasserted
and control returns to the frequency loop, which begins a new
frequency acquisition starting at the lowest point in the VCO
operating range, 10 MHz. The LOL pin remains asserted until
the VCO locks onto a valid input data stream to within 250
ppm frequency error. This hysteresis is shown in Figure 20.
LOL
0
–250
250
1000
fVCO ERROR
(ppm)
–1000
1
Figure 20. Transfer Function of LOL
LOL Detector Operation Using a Reference Clock
In REFCLK mode, a reference clock is used as an acquisition aid
to lock the ADN2813 VCO. Lock-to-reference mode is enabled
by setting CTRLA[0] to 1. The user also needs to write to
the CTRLA[7:6] and CTRLA[5:2] bits to set the reference
frequency range and the divide ratio of the data rate with
respect to the reference frequency. For more details, see the
Reference Clock (Optional) section. In this mode, the lock
detector monitors the difference in frequency between the
divided down VCO and the divided down reference clock. The
loss-of-lock signal, which appears on Pin 16, LOL, is deasserted
when the VCO is within 250 ppm of the desired frequency. This
enables the D/PLL, which pulls the VCO frequency in the
remaining amount with respect to the input data and acquires
phase lock. Once locked, if the input frequency error exceeds
1000 ppm (0.1%), the loss-of-lock signal is reasserted and
control returns to the frequency loop, which reacquires with
respect to the reference clock. The LOL pin remains asserted
until the VCO frequency is within 250 ppm of the desired
frequency. This hysteresis is shown in Figure 20.
Static LOL Mode
The ADN2813 implements a static LOL feature, which indicates
if a loss-of-lock condition has ever occurred and remains
asserted, even if the ADN2813 regains lock, until the static LOL
bit is manually reset. The I2C register bit, MISC[4], is the static
LOL bit. If there is ever an occurrence of a loss-of-lock
condition, this bit is internally asserted to logic high. The
MISC[4] bit remains high even after the ADN2813 has
reacquired lock to a new data rate. This bit can be reset by
writing a 1 followed by 0 to I2C Register Bit CTRLB[6]. Once
reset, the MISC[4] bit remains deasserted until another loss-of-
lock condition occurs.
Writing a 1 to I2C Register Bit CTRLB[7] causes the LOL pin,
Pin 16, to become a static LOL indicator. In this mode, the
LOL pin mirrors the contents of the MISC[4] bit and has
the functionality described in the previous paragraph. The
CTRLB[7] bit defaults to 0. In this mode, the LOL pin operates
in the normal operating mode, that is, it is asserted only when
the ADN2813 is in acquisition mode and deasserts when the
ADN2813 has reacquired lock.
HARMONIC DETECTOR
The ADN2813 provides a harmonic detector, which detects
whether or not the input data has changed to a lower harmonic
of the data rate that the VCO is currently locked onto. For
example, if the input data instantaneously changes from OC-12,
622.08 Mb/s to an OC-3, 155.52 Mb/s bit stream, this could be
perceived as a valid OC-12 bit stream, because the OC-3 data
pattern is exactly 4× slower than the OC-12 pattern. Therefore,
if the change in data rate is instantaneous, a 101 pattern at OC-3
would be perceived by the ADN2813 as a 111100001111 pattern
at OC-12. If the change to a lower harmonic is instantaneous, a
typical CDR could remain locked at the higher data rate.
The ADN2813 implements a harmonic detector that automati-
cally identifies whether or not the input data has switched to a
lower harmonic of the data rate that the VCO is currently
locked onto. When a harmonic is identified, the LOL pin is
asserted and a new frequency acquisition is initiated. The
ADN2813 automatically locks onto the new data rate, and the
LOL pin is deasserted.
However, the harmonic detector does not detect higher
harmonics of the data rate. If the input data rate switches to a
higher harmonic of the data rate, then the VCO is currently
locked onto, the VCO loses lock, the LOL pin is asserted, and a
new frequency acquisition is initiated. The ADN2813
automatically locks onto the new data rate.
The time to detect lock to harmonic is
216 × (Td/ρ)
where:
1/Td is the new data rate. For example, if the data rate is
switched from OC-12 to OC-3, then Td = 1/155.52 MHz.
ρ is the data transition density. Most coding schemes seek to
ensure that ρ = 0.5, for example, PRBS, 8B/10B.
When the ADN2813 is placed in lock-to-reference mode, the
harmonic detector is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com