Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2813 Datasheet(PDF) 21 Page - Analog Devices

Part # ADN2813
Description  Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2813 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADN2813 Datasheet HTML 17Page - Analog Devices ADN2813 Datasheet HTML 18Page - Analog Devices ADN2813 Datasheet HTML 19Page - Analog Devices ADN2813 Datasheet HTML 20Page - Analog Devices ADN2813 Datasheet HTML 21Page - Analog Devices ADN2813 Datasheet HTML 22Page - Analog Devices ADN2813 Datasheet HTML 23Page - Analog Devices ADN2813 Datasheet HTML 24Page - Analog Devices ADN2813 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADN2813
Rev. 0 | Page 21 of 28
APPLICATIONS INFORMATION
PCB DESIGN GUIDELINES
Proper RF PCB design techniques must be used for optimal
performance.
Power Supply Connections and Ground Planes
Use of one low impedance ground plane is recommended. The
VEE pins should be soldered directly to the ground plane to
reduce series inductance. If the ground plane is an internal
plane and connections to the ground plane are made through
vias, multiple vias can be used in parallel to reduce the series
inductance, especially on Pin 23, which is the ground return for
the output buffers. The exposed pad should be connected to the
GND plane using plugged vias so that solder does not leak
through the vias during reflow.
Use of a 22 μF electrolytic capacitor between VCC and VEE is
recommended at the location where the 3.3 V supply enters the
PCB. When using 0.1 μF and 1 nF ceramic chip capacitors, they
should be placed between the IC power supply VCC and VEE,
as close as possible to the ADN2813 VCC pins.
If connections to the supply and ground are made through
vias, the use of multiple vias in parallel helps to reduce series
inductance, especially on Pin 24, which supplies power to the
high speed CLKOUTP/CLKOUTN and DATAOUTP/
DATAOUTN output buffers. Refer to Figure 24 for the
recommended connections.
By using adjacent power supply and GND planes, excellent high
frequency decoupling can be realized by using close spacing
between the planes. This capacitance is given by
( )
pF
0.88εr A/d
C
PLANE =
where:
ε
r
is the dielectric constant of the PCB material.
A is the area of the overlap of power and GND planes (cm2).
d is the separation between planes (mm).
For FR-4, εr = 4.4 mm and 0.25 mm spacing, C ~15 pF/cm2.
50
Ω TRANSMISSION LINES
DATAOUTP
DATAOUTN
CLKOUTP
CLKOUTN
0.1
μF
22
μF
1nF
0.1
μF
0.1
μF
0.1
μF
0.1
μF
0.47
μF ±20%
>300M
Ω INSULATION RESISTANCE
1nF
1nF
1nF
0.1
μF
1nF
+
VCC
50
Ω
50
Ω
CIN
TIA
VCC
RTH
VCC
μC
μC
I2C CONTROLLER
I2C CONTROLLER
VCC
VCC
1
TEST1
2
VCC
3
VREF
4
NIN
5
PIN
6
SLICEP
7
SLICEN
8
VEE
24
VCC
23
VEE
22
LOS
21
SDA
20
SCK
19
SADDR5
18
VCC
17
VEE
EXPOSED PAD
TIED OFF TO
VEE PLANE
WITH VIAS
Figure 24. Typical ADN2813 Applications Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com