Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2813 Datasheet(PDF) 1 Page - Analog Devices

Part # ADN2813
Description  Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2813 Datasheet(HTML) 1 Page - Analog Devices

  ADN2813 Datasheet HTML 1Page - Analog Devices ADN2813 Datasheet HTML 2Page - Analog Devices ADN2813 Datasheet HTML 3Page - Analog Devices ADN2813 Datasheet HTML 4Page - Analog Devices ADN2813 Datasheet HTML 5Page - Analog Devices ADN2813 Datasheet HTML 6Page - Analog Devices ADN2813 Datasheet HTML 7Page - Analog Devices ADN2813 Datasheet HTML 8Page - Analog Devices ADN2813 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and
Data Recovery IC with Integrated Limiting Amp
ADN2813
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Serial data input: 10 Mb/s to 1.25 Gb/s
Exceeds SONET requirements for jitter transfer/
generation/tolerance
Quantizer sensitivity: 3.3 mV typ
Adjustable slice level: ±95 mV
Patented clock recovery architecture
Loss-of-signal (LOS) detect range: 2.3 mV to 19 mV
Independent slice level adjust and LOS detector
No reference clock required
Loss-of-lock indicator
I2C® interface to access optional features
Single-supply operation: 3.3 V
Low power: 450 mW typ
5 mm × 5 mm 32-lead LFCSP, Pb free
APPLICATIONS
SONET OC-1/-3/-12 and all associated FEC rates
Fibre Channel, GbE, HDTVs
WDM transponders
Regenerators/repeaters
Test equipment
Broadband cross-connects and routers
GENERAL DESCRIPTION
The ADN2813 provides the receiver functions of quantization,
signal level detect, and clock and data recovery for continuous
data rates from 10 Mb/s to 1.25 Gb/s. The ADN2813 automati-
cally locks to all data rates without the need for an external
reference clock or programming. All SONET jitter requirements
are met, including jitter transfer, jitter generation, and jitter
tolerance. All specifications are quoted for −40°C to +85°C
ambient temperature, unless otherwise noted.
This device, together with a PIN diode and a TIA preamplifier,
can implement a highly integrated, low cost, low power fiber
optic receiver.
The receiver front-end, loss-of-signal (LOS) detector circuit
indicates when the input signal level has fallen below a user-
adjustable threshold. The LOS detect circuit has hysteresis to
prevent chatter at the output.
The ADN2813 is available in a compact 5 mm × 5 mm,
32-lead LFCSP.
FUNCTIONAL BLOCK DIAGRAM
2
SLICEP/N
LOL
DATAOUTP/N
LOS
THRADJ
CLKOUTP/N
ADN2813
2
VCC
VEE
CF1
CF2
PIN
NIN
VREF
QUANTIZER
VCO
PHASE
SHIFTER
PHASE
DETECT
FREQUENCY
DETECT
LOS
DETECT
DATA
RE-TIMING
LOOP
FILTER
LOOP
FILTER
REFCLKP/N
(OPTIONAL)
2
Figure 1.


Similar Part No. - ADN2813

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2813 AD-ADN2813 Datasheet
434Kb / 28P
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. C
ADN2813ACPZ AD-ADN2813ACPZ Datasheet
434Kb / 28P
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. C
ADN2813ACPZ-500RL7 AD-ADN2813ACPZ-500RL7 Datasheet
434Kb / 28P
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. C
ADN2813ACPZ-RL7 AD-ADN2813ACPZ-RL7 Datasheet
434Kb / 28P
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. C
ADN2813 AD-ADN2813_15 Datasheet
435Kb / 28P
Data Recovery IC with Integrated Limiting Amp
REV. C
More results

Similar Description - ADN2813

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
ADN2819 AD-ADN2819 Datasheet
570Kb / 24P
Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
5/04-Data Sheet Changed from Rev. A to Rev. B
ADN2807 AD-ADN2807 Datasheet
363Kb / 20P
155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
5/04-Data Sheet Changed from Rev. 0 to Rev. A
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Jun-2004
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Jun-2004
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
9/05-Revision 0
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816 AD-ADN2816_15 Datasheet
395Kb / 24P
Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com