Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2813 Datasheet(PDF) 23 Page - Analog Devices

Part # ADN2813
Description  Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2813 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADN2813 Datasheet HTML 19Page - Analog Devices ADN2813 Datasheet HTML 20Page - Analog Devices ADN2813 Datasheet HTML 21Page - Analog Devices ADN2813 Datasheet HTML 22Page - Analog Devices ADN2813 Datasheet HTML 23Page - Analog Devices ADN2813 Datasheet HTML 24Page - Analog Devices ADN2813 Datasheet HTML 25Page - Analog Devices ADN2813 Datasheet HTML 26Page - Analog Devices ADN2813 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ADN2813
Rev. 0 | Page 23 of 28
50
Ω
50
Ω
PIN
VREF
NIN
CIN
COUT
COUT
V1
CIN
V1b
V2
V2b
TIA
LIMAMP
CDR
+
–
VCC
DATAOUTP
DATAOUTN
1
V1
V1b
V2
V2b
VDIFF
23
4
VREF
VTH
ADN2813
VDIFF = V2–V2b
VTH = ADN2813 QUANTIZER THRESHOLD
NOTES:
1. DURING DATA PATTERNS WITH HIGH TRANSITION DENSITY, DIFFERENTIAL DC VOLTAGE AT V1 AND V2 IS ZERO.
2. WHEN THE OUTPUT OF THE TIA GOES TO CID, V1 AND V1b ARE DRIVEN TO DIFFERENT DC LEVELS. V2 AND V2b DISCHARGE TO THE
VREF LEVEL, WHICH EFFECTIVELY INTRODUCES A DIFFERENTIAL DC OFFSET ACROSS THE AC COUPLING CAPACITORS.
3. WHEN THE BURST OF DATA STARTS AGAIN, THE DIFFERENTIAL DC OFFSET ACROSS THE AC COUPLING CAPACITORS IS APPLIED TO
THE INPUT LEVELS CAUSING A DC SHIFT IN THE DIFFERENTIAL INPUT. THIS SHIFT IS LARGE ENOUGH SUCH THAT ONE OF THE STATES,
EITHER HIGH OR LOW DEPENDING ON THE LEVELS OF V1 AND V1b WHEN THE TIA WENT TO CID, IS CANCELED OUT. THE QUANTIZER
DOES NOT RECOGNIZE THIS AS A VALID STATE.
4. THE DC OFFSET SLOWLY DISCHARGES UNTIL THE DIFFERENTIAL INPUT VOLTAGE EXCEEDS THE SENSITIVITY OF THE ADN2813. THE
QUANTIZER CAN RECOGNIZE BOTH HIGH AND LOW STATES AT THIS POINT.
Figure 26. Example of Baseline Wander
DC-COUPLED APPLICATION
The inputs to the ADN2813 can also be dc-coupled. This may
be necessary in burst mode applications, where there are long
periods of CIDs, and baseline wander cannot be tolerated. If the
inputs to the ADN2813 are dc-coupled, care must be taken not
to violate the input range and common-mode level require-
ments of the ADN2813 (see Figure 27 through Figure 29). If dc
coupling is required, and the output levels of the TIA do not
adhere to the levels shown in Figure 28, then level shifting
and/or an attenuator must be between the TIA outputs and the
ADN2813 inputs.
50
Ω
0.1
μF
50
Ω
3k
Ω
NIN
PIN
ADN2813
2.5V
VREF
50
Ω
50
Ω
TIA
VCC
Figure 27. DC-Coupled Application
PIN
V p-p = PIN – NIN = 2
× V
SE = 10mV AT SENSITIVITY
VSE = 5mV MIN
VCM = 2.3V MIN
(DC-COUPLED)
NIN
Figure 28. Minimum Allowed DC-Coupled Input Levels
PIN
V p-p = PIN – NIN = 2
× V
SE = 2.0V MAX
VSE = 1.0V MAX
VCM = 2.3V
(DC-COUPLED)
NIN
Figure 29. Maximum Allowed DC-Coupled Input Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com