Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3831 Datasheet (PDF) - Maxim Integrated Products

MAX3831 Datasheet PDF - Maxim Integrated Products
Part # MAX3831
Download  MAX3831 Download
File Size   285.23 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V, 2.5Gbps, SDH/SONET, 4-Channel Interconnect Mux/Demux ICs with Clock Generator

MAX3831 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3831 Datasheet PDF - Maxim Integrated Products

Part # MAX3831
Download  MAX3831 Click to download

File Size   285.23 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V, 2.5Gbps, SDH/SONET, 4-Channel Interconnect Mux/Demux ICs with Clock Generator

MAX3831 Datasheet (HTML) - Maxim Integrated Products


MAX3831 Product details

General Description

The MAX3831/MAX3832 are 4:1 multiplexers (muxes) and 1:4 demultiplexers (demuxes) with automatic chan

nel assignment. Operating from a single +3.3V supply, the mux receives four parallel, 622Mbps SDH/SONET

channels. These channels are bit interleaved to generate a serial data stream of 2.488Gbps for interfacing to

an optical or an electrical driver. A 10-bit-wide elastic buffer tolerates up to ±7.5ns skew between any parallel

data input and the reference clock. An external 155MHz reference clock is required for the on-chip PLL to synthesize a high-frequency 2.488GHz clock for timing the outgoing data streams.



Features

♦+3.3V Single Supply

♦1.45W Power Dissipation (MAX3831)

♦4-Channel Mux/Demux with Fully Integrated 2.488GHz Clock Generator

♦Frame Detection Maintains Channel Assignment

♦±7.5ns Elastic Store Range

♦2.5ps RMS Serial-Data Output Random Jitter

♦8ps Serial-Data Output Deterministic Jitter

♦622Mbps LVDS Parallel Input/Output

♦2.488Gbps Serial CML Input/Output

♦On-Chip Pattern Generator Provides High-Speed BIST

♦System Test Flexibility: System Loopback, Line Loopback

♦Loss-of-Frame Indicator



Applications

SDH/SONET Backplanes

ATM Switching Networks

High-Speed Parallel Links

Line Extenders

Intrarack/Subrack

Dense Digital Cross

Interconnects

Connects




Similar Part No. - MAX3831

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX383 MAXIM-MAX383 Datasheet
125Kb / 12P
Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
MAX383C/D MAXIM-MAX383C/D Datasheet
125Kb / 12P
Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
MAX383CPE MAXIM-MAX383CPE Datasheet
125Kb / 12P
Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
MAX383CSE MAXIM-MAX383CSE Datasheet
125Kb / 12P
Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
MAX383EJE MAXIM-MAX383EJE Datasheet
125Kb / 12P
Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
More results


Similar Description - MAX3831

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3890 MAXIM-MAX3890 Datasheet
155Kb / 12P
3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs
Rev 0; 6/99
logo
Vitesse Semiconductor C...
VSC8121 VITESSE-VSC8121 Datasheet
176Kb / 18P
2.488GHz SONET/SDH Clock Generator
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8116 VITESSE-VSC8116 Datasheet
358Kb / 20P
ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
OC-48 16:1 SONET/SDH MUX with Clock Generator
VSC8131 VITESSE-VSC8131 Datasheet
149Kb / 16P
2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
VSC8169 VITESSE-VSC8169 Datasheet
185Kb / 18P
OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
logo
Maxim Integrated Produc...
MAX3892 MAXIM-MAX3892 Datasheet
179Kb / 11P
3.3V, 2.5Gbps/2.7Gbps, SDH/SONET 4:1 Serializer with Clock Synthesis
Rev 6; 10/07
MAX3891 MAXIM-MAX3891 Datasheet
521Kb / 12P
16:1 Serializer, 3.3V, 2.5Gbps, SDH/SONET with Clock Synthesis and LVPECL Inputs
Rev 0; 2/01
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com