Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX383 Datasheet (PDF) - Maxim Integrated Products

MAX383 Datasheet PDF - Maxim Integrated Products
Part # MAX383
Download  MAX383 Download
File Size   125.45 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, Low-Voltage Analog Switches

MAX383 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX383 Datasheet PDF - Maxim Integrated Products

Part # MAX383
Download  MAX383 Click to download

File Size   125.45 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, Low-Voltage Analog Switches

MAX383 Datasheet (HTML) - Maxim Integrated Products


MAX383 Product details

General Description

The MAX381/MAX383/MAX385 are precision, low-volt age analog switches. The single-pole single-throw MAX381 and double-pole single-throw MAX385 dual switches are normally open. The single-pole double throw MAX383 has two normally open and two normally closed poles. All three parts offer low on-resistance (less than 35Ω), guaranteed to match to within 2Ω between channels and to remain flat over the specified analog signal range (4Ωmax). They also offer low leak age (less than 250pA at +25°C and less than 2.5nA at +85°C) and fast switching (turn-on time less than 175ns and turn-off time less than 100ns).



Features

♦Single-Supply Operation (+3V to +15V)

  Bipolar-Supply Operation (±3V to ±8V)

♦Pin-Compatible with DG401/DG403/DG405

♦Low On-Resistance, 20ΩTypical (35ΩMax)

♦Guaranteed Matched On-Resistance Between Channels, <2Ω

♦Guaranteed Flat On-Resistance over Specified Analog Signal Range, <4Ω

♦Guaranteed Charge Injection, <5pC

♦Guaranteed Off-Channel Leakage,<2.5nA at +85°C

♦TTL/CMOS-Logic Compatible with 3V, 5V, ±3V, and ±5V Supplies

♦Rail-to-Rail Analog Signal Handling Capability



Applications

Sample-and-Hold Circuits

Military Radios

Test Equipment

Communication Systems

Heads-Up Displays

Battery-Operated Systems

Audio Signal Routing

PBX, PABX

Guidance and Control Systems




Similar Part No. - MAX383

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3831 MAXIM-MAX3831 Datasheet
285Kb / 16P
3.3V, 2.5Gbps, SDH/SONET, 4-Channel Interconnect Mux/Demux ICs with Clock Generator
19-1534; Rev 1; 10/99
MAX3831UCB MAXIM-MAX3831UCB Datasheet
285Kb / 16P
3.3V, 2.5Gbps, SDH/SONET, 4-Channel Interconnect Mux/Demux ICs with Clock Generator
19-1534; Rev 1; 10/99
MAX3832UCB MAXIM-MAX3832UCB Datasheet
285Kb / 16P
3.3V, 2.5Gbps, SDH/SONET, 4-Channel Interconnect Mux/Demux ICs with Clock Generator
19-1534; Rev 1; 10/99
More results


Similar Description - MAX383

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9421 VISHAY-DG9421 Datasheet
71Kb / 8P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
26-Aug-02
DG411L VISHAY-DG411L Datasheet
76Kb / 9P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
26-Aug-02
DG411L VISHAY-DG411L_08 Datasheet
140Kb / 11P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
25-Jun-07
DG417L VISHAY-DG417L_08 Datasheet
142Kb / 11P
Precision Monolithic Low-Voltage CMOS Analog Switches
14-May-07
DG441L VISHAY-DG441L Datasheet
115Kb / 10P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
17-Mar-03
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
29-Sep-08
DG417L VISHAY-DG417L_11 Datasheet
306Kb / 15P
Precision Monolithic Low-Voltage CMOS Analog Switches
25-Apr-11
DG9421 VISHAY-DG9421_11 Datasheet
236Kb / 14P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
18-Jul-11
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
08-Dec-14
DG417L VISHAY-DG417L_V01 Datasheet
265Kb / 14P
Precision Monolithic Low-Voltage CMOS Analog Switches
19-Aug-13
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com