Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8121 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC8121 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC8121
Download  VSC8121 Download
File Size   176.42 Kbytes
Page   18 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 2.488GHz SONET/SDH Clock Generator

VSC8121 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC8121 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC8121
Download  VSC8121 Click to download

File Size   176.42 Kbytes
Page   18 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 2.488GHz SONET/SDH Clock Generator

VSC8121 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC8121 Product details

General Description
The VSC8121 is a monolithic Phase Locked Loop (PLL) based clock generator designed for telecommunications systems operating at 2.5Gb/s. The VSC8121 incorporates a reactance-based (LC) Voltage Controlled Oscillator (VCO) with low phase noise. The PLL’s loop filter is on-chip.
   
Features
• Monolithic Phase Locked Loop
• On-Chip LC Oscillator
• On-Chip Loop Filter
• TTL/CMOS Reference Clock
• Selectable Reference
• Jitter Meets SONET OC-48 and
    SDH STM-16 Requirements
• High-Speed CML Clock Output
• Single 3.3V Supply
• Compact 10mm x 10mm 44 Pin PQFP Package
   




Similar Part No. - VSC8121

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
Multi-Rate SONET/SDH Clock and Data Recovery IC
VSC8122QP VITESSE-VSC8122QP Datasheet
346Kb / 14P
Multi-Rate SONET/SDH Clock and Data Recovery IC
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
VSC8124 VITESSE-VSC8124 Datasheet
648Kb / 20P
Target Specification
More results


Similar Description - VSC8121

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30406 ZARLINK-ZL30406 Datasheet
307Kb / 21P
SONET/SDH Clock Multiplier PLL
ZL30415 ZARLINK-ZL30415 Datasheet
347Kb / 23P
SONET/SDH Clock Multiplier PLL
logo
Vitesse Semiconductor C...
VSC8140 VITESSE-VSC8140 Datasheet
528Kb / 34P
2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
logo
Zarlink Semiconductor I...
ZL30414 ZARLINK-ZL30414 Datasheet
421Kb / 24P
SONET/SDH Clock Multiplier PLL
logo
Vitesse Semiconductor C...
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
OC-48 16:1 SONET/SDH MUX with Clock Generator
logo
Zarlink Semiconductor I...
ZL30416 ZARLINK-ZL30416 Datasheet
340Kb / 22P
SONET/SDH Clock Multiplier PLL
ZL30406 ZARLINK-ZL30406_06 Datasheet
249Kb / 21P
SONET/SDH Clock Multiplier PLL
ZL30415 ZARLINK-ZL30415_06 Datasheet
404Kb / 23P
SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416_06 Datasheet
871Kb / 22P
SONET/SDH Clock Multiplier PLL
logo
Silicon Laboratories
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
SONET/SDH PRECISION CLOCK MULTIPLIER IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com