Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8121 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC8121
Description  2.488GHz SONET/SDH Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8121 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC8121 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8121
2.488GHz SONET/SDH
Clock Generator
G52163-0, Rev 4.2
Page 3
04/16/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Figure 2: High-Speed Clock Output Diagram
Figure 3: Example High-Speed CML Clock Output Terminations
VEE
VCC
Pre-Driver
CON
CO
50
Ω
50
Ω
50
Ω
CO/CON
CO/CON
CO/CON
VCC
50
Ω
VTERM
0.01
µf
50
Ω
VTERM
0.01
µf
1)
2)
3)
(Recommended for DC-Coupling)
(Recommended for AC-Coupling)
(Alternative for AC-Coupling)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com