Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8121 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC8121
Description  2.488GHz SONET/SDH Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8121 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC8121 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 17Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8121
2.488GHz SONET/SDH
Clock Generator
G52163-0, Rev 4.2
Page 13
04/16/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
VSC8121 Evaluation Board
An evaluation board is available from Vitesse which can be used to characterize the performance of the
VSC8121 2.488GHz SONET/SDH Clock Generator. The following sections provide a layout for the board,
general notes regarding usage and descriptions of input/output ports, as well as an example equipment setup. To
learn more about how to order this board for your evaluation needs, please contact your local Vitesse Sales
Office.
Figure 7: Top-view Layout of the VSC8121 Evaluation Board
VS8121EVA
REV. A
VITESSE
J1
J3
C2
J4
J6
L1
C8
J8
C9
C10
R4
R6
R5
R7
U1
C4
C1
JP1
J7
J9
R1
R2
S1
S2
J5
U2
Component Values:
R1 = 10k
Ω
R2 = 10k
Ω
R3 = 11
Ω
R4 = 0
Ω
R5 = 0
Ω
R6 = leave open
R7 = leave open
C1 = 10µF
C2 = 10µF
C4 = 0.1µF
C8 = 0.1µF
C9 = 0.01µF
C10 = 0.01µF
L1 = TDK-CB50-1206 ferrite
Board dimensions:
3” x 2.75” x 0.06”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com