Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8141 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC8141 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC8141
Download  VSC8141 Download
File Size   13.49 Kbytes
Page   1 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator

VSC8141 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC8141 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC8141
Download  VSC8141 Click to download

File Size   13.49 Kbytes
Page   1 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator

VSC8141 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC8141 Product details

General Description
The VSC8141 is a SONET/SDH compatible 3.3V multi-rate transceiver with integrated clock generator for use in SONET/SDH systems operating at OC-48, OC-24, OC-12, OC-3, or Gigabit Ethernet data rates. The internal clock generator uses a phase-locked loop (PLL) to multiply either a 77.76MHz or 155.52MHz reference clock for internal logic and output retiming.
   
Features
• Multi-Rate Transceiver for SONET OC-48, OC-24
    OC-12, OC-3, and Gigabit Ethernet Rates
• 16-Bit LVPECL Low-Speed Interface
• On-Chip PLL-Based Clock Generator
• High-Speed Clock Output Power-Down Option
• Equipment, Facility and Split Loopback Modes
• Loss of Signal (LOS) Detect Input
• Exceeds Bellcore Jitter Specifications
• Single 3.3V Power Supply
• 1.8 W Typical Power Dissipation
• Packages: 128-Pin PQFP (14x20x2mm) or
    208-Pin TBGA 23x23x1.55mm)
   




Similar Part No. - VSC8141

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8140 VITESSE-VSC8140 Datasheet
528Kb / 34P
2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8140QR VITESSE-VSC8140QR Datasheet
528Kb / 34P
2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8140TW VITESSE-VSC8140TW Datasheet
528Kb / 34P
2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8142 VITESSE-VSC8142 Datasheet
540Kb / 2P
2.5G Multi-rate SONET/SDH Transceiver Family
VSC8144 VITESSE-VSC8144 Datasheet
17Kb / 1P
2.488Gb/s 4:1 SONET/SDH Transceiver with Integrated Clock Generator
More results


Similar Description - VSC8141

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
Multi-Rate SONET/SDH Clock and Data Recovery IC
VSC8121 VITESSE-VSC8121 Datasheet
176Kb / 18P
2.488GHz SONET/SDH Clock Generator
VSC8140 VITESSE-VSC8140 Datasheet
528Kb / 34P
2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
OC-48 16:1 SONET/SDH MUX with Clock Generator
logo
List of Unclassifed Man...
SI5020 ETC1-SI5020 Datasheet
335Kb / 18P
SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Vitesse Semiconductor C...
VSC8131 VITESSE-VSC8131 Datasheet
149Kb / 16P
2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
VSC8144 VITESSE-VSC8144 Datasheet
17Kb / 1P
2.488Gb/s 4:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8169 VITESSE-VSC8169 Datasheet
185Kb / 18P
OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
logo
List of Unclassifed Man...
S3076 ETC1-S3076 Datasheet
158Kb / 18P
MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
logo
Vitesse Semiconductor C...
VSC8142 VITESSE-VSC8142 Datasheet
540Kb / 2P
2.5G Multi-rate SONET/SDH Transceiver Family
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com