Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3251 Datasheet (PDF) - Pericom Semiconductor Corporation

PI5C3251 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5C3251
Download  PI5C3251 Download
File Size   373.85 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 8:1 Mux/DeMux BusSwitch

PI5C3251 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5C3251 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5C3251
Download  PI5C3251 Click to download

File Size   373.85 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 8:1 Mux/DeMux BusSwitch

PI5C3251 Datasheet (HTML) - Pericom Semiconductor Corporation


PI5C3251 Product details

Description:
Pericom Semiconductor’s PI5C3251 is a Dual 8:1 Multiplexer/ demultiplexer with three-state outputs that is pinout compatible with the PI74FCT251T, 74F251, and 74ALS/AS/LS 251. Inputs can be connected to outputs with low on resistance (5Ω) with no additional ground bounce noise or propagation delay.

Features:
• Near-Zero propagation delay
• 5Ω switches connect inputs to outputs
• Direct bus connection when switches are ON
• Ultra Low Quiescent Power (0.2 µA Typical)
    – Ideally suited for notebook applications
• Pin compatible with 74 series 251 logic devices
• Packaging (Pb-free & Green available):
    – 16-pin 150-mil wide plastic QSOP (Q)
    – 16-pin 300-mil wide plastic SOIC (S)
    – 16-pin 150-mil wide plastic SOIC (W)
    – 16-pin 173-mil wide plastic TSSOP (L)




Similar Part No. - PI5C3251

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3251QE PERICOM-PI5C3251QE Datasheet
481Kb / 4P
8:1 Mux/DeMux BusSwitch
PI5C3251 PERICOM-PI5C3251_11 Datasheet
481Kb / 4P
8:1 Mux/DeMux BusSwitch
More results


Similar Description - PI5C3251

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257 Datasheet
92Kb / 3P
24:12 MUX/DEMUX BusSwitch
PI3B3251 PERICOM-PI3B3251 Datasheet
50Kb / 3P
3.3V 8:1 MUX /DEMUX BUS SWITCH
PI3B16232 PERICOM-PI3B16232 Datasheet
163Kb / 3P
3.3V, Synchronous 16-Bit to 32-Bit FET Mux/Demux BusSwitch
PI5C3257 PERICOM-PI5C3257 Datasheet
38Kb / 3P
Quad 2:1 MUX/DEMUX BusSwitch
PI3B33X257 PERICOM-PI3B33X257 Datasheet
217Kb / 3P
3.3V, 24:12 Mux/Demux BusSwitch
PI3B16292 PERICOM-PI3B16292 Datasheet
125Kb / 4P
3.3Volt, 24-Bit Mux/Demux BusSwitch
logo
Potato Semiconductor Co...
PO3B3251A POTATO-PO3B3251A_14 Datasheet
1Mb / 6P
8:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C3257L PERICOM-PI5C3257L Datasheet
476Kb / 6P
Quad 2 1 Mux/DeMux BusSwitch
PI3B3251 PERICOM-PI3B3251_09 Datasheet
342Kb / 5P
3.3V, 8:1 Mux/DeMux NanoSwitch
PI5C3251 PERICOM-PI5C3251_11 Datasheet
481Kb / 4P
8:1 Mux/DeMux BusSwitch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com