Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B33X257 Datasheet (PDF) - Pericom Semiconductor Corporation

PI3B33X257 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3B33X257
Download  PI3B33X257 Download
File Size   217.13 Kbytes
Page   3 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, 24:12 Mux/Demux BusSwitch

PI3B33X257 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3B33X257 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3B33X257
Download  PI3B33X257 Click to download

File Size   217.13 Kbytes
Page   3 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, 24:12 Mux/Demux BusSwitch

PI3B33X257 Datasheet (HTML) - Pericom Semiconductor Corporation


PI3B33X257 Product details

Description
Pericom Semiconductor’s PI3B33X257 is a 3.3V, 24:12 multiplexer/demultiplexer with three-state outputs. Inputs can be connected to outputs with low on resistance (5Ω) with no additional ground bounce noise or propagation delay.

Features
• Near-Zero propagation delay
• 5Ω switches connect inputs to outputs
• Direct bus connection when switches are ON
• Ultra Low Quiescent Power (0.2µA Typical)
    – Ideally suited for notebook applications
• TTL - compatible control of input levels
• Fast switching speed - 4.5ns max.
• Packaging (Pb-free & Green available):
    - 48-pin 150-mil wide BQSOP (B)




Similar Part No. - PI3B33X257

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B33X257B PERICOM-PI3B33X257B Datasheet
379Kb / 4P
3.3V, 24:12 Mux/DeMux NanoSwitch
PI3B33X257BE PERICOM-PI3B33X257BE Datasheet
379Kb / 4P
3.3V, 24:12 Mux/DeMux NanoSwitch
PI3B33X257 PERICOM-PI3B33X257_04 Datasheet
379Kb / 4P
3.3V, 24:12 Mux/DeMux NanoSwitch
More results


Similar Description - PI3B33X257

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257 Datasheet
92Kb / 3P
24:12 MUX/DEMUX BusSwitch
PI5C3251 PERICOM-PI5C3251 Datasheet
373Kb / 6P
8:1 Mux/DeMux BusSwitch
PI3B16224 PERICOM-PI3B16224 Datasheet
67Kb / 3P
3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
PI3C16234 PERICOM-PI3C16234 Datasheet
333Kb / 4P
3.3V, High Bandwidth, 16-Bit to 32-Bit Mux/Demux BusSwitch
PI3B16232 PERICOM-PI3B16232 Datasheet
163Kb / 3P
3.3V, Synchronous 16-Bit to 32-Bit FET Mux/Demux BusSwitch
PI5C3257 PERICOM-PI5C3257 Datasheet
38Kb / 3P
Quad 2:1 MUX/DEMUX BusSwitch
PI3B16292 PERICOM-PI3B16292 Datasheet
125Kb / 4P
3.3Volt, 24-Bit Mux/Demux BusSwitch
PI5C3257L PERICOM-PI5C3257L Datasheet
476Kb / 6P
Quad 2 1 Mux/DeMux BusSwitch
PI3B33X257 PERICOM-PI3B33X257_04 Datasheet
379Kb / 4P
3.3V, 24:12 Mux/DeMux NanoSwitch
PI5C3251 PERICOM-PI5C3251_11 Datasheet
481Kb / 4P
8:1 Mux/DeMux BusSwitch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com