Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4250 Datasheet (PDF) - M.S. Kennedy Corporation

MSK4250 Datasheet PDF - M.S. Kennedy Corporation
Part # MSK4250
Download  MSK4250 Download
File Size   321.7 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER

MSK4250 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK4250 Datasheet PDF - M.S. Kennedy Corporation

Part # MSK4250
Download  MSK4250 Click to download

File Size   321.7 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER

MSK4250 Datasheet (HTML) - M.S. Kennedy Corporation


MSK4250 Product details

DESCRIPTION:
The MSK 4250 is a complete H-bridge MOSFET Brushed Motor Control System in an electrically isolated hermetic package. The hybrid is capable of 10 amps of output current and 75 volts of DC bus voltage. It has the normal features for protecting the bridge. Included is all the bridge drive circuitry, and all the current sensing and analog circuitry necessary for closed loop current mode (torque) control. When PWMing, the transistors are modulated in locked anti-phase mode for the tightest control and the most bandwidth. Provisions for applying different compensation schemes are included. The MSK 4250 has good thermal conductivity of the MOSFETs due to isolated substrate/package design that allows direct heat sinking of the hybrid without insulators.

FEATURES:
• 75 Volt Motor Supply Voltage
• 10 Amp Output Switch Capability
• 100% Duty Cycle High Side Conduction Capable
• Shoot-Through/Cross Conduction Protection
• "Real" Four Quadrant Torque Control Capability
• Good Accuracy Around the Null Torque Point
• Contact MSK for MIL-PRF-38535 Qualification Status

TYPICAL APPLICATIONS
• Brushed DC Motor Control
• Servo Control
• Fin Actuator Control
• Voice Coil Control
• Gimbal Control
• AZ-EL Control




Similar Part No. - MSK4250

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4250 ANAREN-MSK4250 Datasheet
136Kb / 6P
10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4250H ANAREN-MSK4250H Datasheet
136Kb / 6P
10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4250 MSK-MSK4250_15 Datasheet
136Kb / 6P
75 Volt Motor Supply Voltage
More results


Similar Description - MSK4250

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4363 MSK-MSK4363 Datasheet
253Kb / 7P
10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4251S MSK-MSK4251S Datasheet
268Kb / 6P
10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4252 MSK-MSK4252 Datasheet
301Kb / 6P
30 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4253 MSK-MSK4253 Datasheet
274Kb / 6P
5 AMP, 55V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
logo
Anaren Microwave
MSK4250 ANAREN-MSK4250 Datasheet
136Kb / 6P
10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4251 ANAREN-MSK4251 Datasheet
137Kb / 6P
10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4252 ANAREN-MSK4252 Datasheet
151Kb / 6P
30 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4253 ANAREN-MSK4253 Datasheet
161Kb / 6P
5 AMP, 55V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4363 ANAREN-MSK4363 Datasheet
196Kb / 7P
10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
NXP Semiconductors
MC33HB2002 NXP-MC33HB2002 Datasheet
3Mb / 47P
10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 5 ??17 April 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com