Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX10C8050PC Datasheet (PDF) - List of Unclassifed Manufacturers

MX10C8050PC Datasheet PDF - List of Unclassifed Manufacturers
Part # MX10C8050PC
Download  MX10C8050PC Download
File Size   96.02 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SINGLE-CHIP 8-BIT MICROCONTROLLER

MX10C8050PC Datasheet (PDF)

Go To PDF Page Download Datasheet
MX10C8050PC Datasheet PDF - List of Unclassifed Manufacturers

Part # MX10C8050PC
Download  MX10C8050PC Click to download

File Size   96.02 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SINGLE-CHIP 8-BIT MICROCONTROLLER

MX10C8050PC Datasheet (HTML) - List of Unclassifed Manufacturers


MX10C8050PC Product details

[MACRONIX INTERNATIONAL CO., LTD.]

GENERAL DESCRIPTION
The single-chip 8-bit microcontroller is manufactured in MXICs advanced CMOS process. This device uses the same powerful instruction set, has the same architecture, and is pin-to-pin compatible with the existing 80C51. The added features make it an even more powerful microcontroller for applications that require clock output, and up/down counting capabilities such as motor control. It also has a more versatile serial channel that facilitates multi-processor communications.

FEATURE
• High performance CMOS ROM CPU
• Operation Voltage 5V
• Up to 40MHz operation (3.5MHz to 40MHz)
• Three 16-bit timer/counters
• 256 Bytes of on-chip data RAM
• 4/8/16/32/64 Kbytes on-chip Program memory
• 32 Programmable I/O lines
• On-chip Watch-Dog-Timer (WDT)
• 6 interrupt Sources
• ROM Code protection
• Two priority levels
• Power saving Idle and power down modes
• 64 K external program memory space
• 64 K external data memory space
• Available in PLCC, PQFP, and PDIP package
• Four 8-bit I/O ports
• Full-duplex enhanced UART compatible with the standard 80C51 and the 80C52
• Extended Temperature Range (-40°C to +85°C)




Similar Part No. - MX10C8050PC

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX10C805X MCNIX-MX10C805X Datasheet
96Kb / 14P
SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Similar Description - MX10C8050PC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
SINGLE CHIP 8 BIT MICROCONTROLLER
logo
NEC
UPD78F9188CT NEC-UPD78F9188CT Datasheet
70Kb / 9P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB8032A SIEMENS-SAB8032A Datasheet
462Kb / 21P
8-Bit Single-Chip Microcontroller
logo
NEC
UPD78C18 NEC-UPD78C18 Datasheet
1Mb / 373P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
XC886 INFINEON-XC886_1 Datasheet
4Mb / 144P
8-Bit Single-Chip Microcontroller
V0.9, Dec. 2006
SAL-XC886CLM INFINEON-SAL-XC886CLM Datasheet
870Kb / 134P
8-Bit Single Chip Microcontroller
V1.0 2010-05
XC835 INFINEON-XC835 Datasheet
1Mb / 56P
8-Bit Single-Chip Microcontroller
V1.2 2011-03
SAK-C505CA-4EMCA INFINEON-SAK-C505CA-4EMCA Datasheet
1Mb / 88P
8-Bit Single-Chip Microcontroller
Dec. 2000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com