Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K851P Datasheet (PDF) - Vishay Siliconix

K851P Datasheet PDF - Vishay Siliconix
Part # K851P
Download  K851P Download
File Size   129.49 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Photodarlington Output

K851P Datasheet (PDF)

Go To PDF Page Download Datasheet
K851P Datasheet PDF - Vishay Siliconix

Part # K851P
Download  K851P Click to download

File Size   129.49 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Photodarlington Output

K851P Datasheet (HTML) - Vishay Siliconix


K851P Product details

• Endstackable to 2.54 mm (0.1") spacing
• Isolation test voltage 5300 VRMS
• Low temperature coefficient of CTR
• Wide ambient temperature range




Similar Part No. - K851P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
K851 ISC-K851 Datasheet
66Kb / 2P
Drain Current ?밒D=30A@ TC=25C
More results


Similar Description - K851P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N32 VISHAY-4N32 Datasheet
90Kb / 7P
Optocoupler with Photodarlington Output
26-Jan-05
K815P VISHAY-K815P Datasheet
172Kb / 9P
Optocoupler with Photodarlington Output
29-Jun-99
TCED1100 VISHAY-TCED1100 Datasheet
207Kb / 9P
Optocoupler with Photodarlington Output
11-Jan-99
TCLD1000 VISHAY-TCLD1000 Datasheet
298Kb / 10P
Optocoupler with Photodarlington Output
19-Mar-01
TCMD1000 VISHAY-TCMD1000 Datasheet
464Kb / 12P
Optocoupler with Photodarlington Output
15-Dec-00
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
Optocoupler, Photodarlington Output
26-Oct-04
IL30 VISHAY-IL30_07 Datasheet
175Kb / 9P
Optocoupler, Photodarlington Output
14-Dec-07
K815P VISHAY-K815P_12 Datasheet
129Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K815P VISHAY-K815P_V02 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com