Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N32 Datasheet (PDF) - Vishay Siliconix

4N32 Datasheet PDF - Vishay Siliconix
Part # 4N32
Download  4N32 Download
File Size   90.65 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler with Photodarlington Output

4N32 Datasheet (PDF)

Go To PDF Page Download Datasheet
4N32 Datasheet PDF - Vishay Siliconix

Part # 4N32
Download  4N32 Click to download

File Size   90.65 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler with Photodarlington Output

4N32 Datasheet (HTML) - Vishay Siliconix


4N32 Product details

DESCRIPTION
The 4N32 and 4N33 are optically coupled isolators with a gallium arsenide infrared LED and a solicon photodarlington sensor.
Switching can be achieved while maintaining a high degree of isolation between driving and load circuits.
These optocouplers can be used to replace reed and mercury relays with advantages of long life, high speed switching and elimination of magnetic fields.

FEATURES
• Very high current transfer ratio, 500 % min.
• High isolation resistance, 1011 Ω typical
• Standard plastic DIP package
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC




Similar Part No. - 4N32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
4N32 MOTOROLA-4N32 Datasheet
287Kb / 6P
STANDARD THRU HOLE CASE 730A-04
logo
QT Optoelectronics
4N32 QT-4N32 Datasheet
136Kb / 6P
GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
Siemens Semiconductor G...
4N32 SIEMENS-4N32 Datasheet
44Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
logo
Toshiba Semiconductor
4N32 TOSHIBA-4N32 Datasheet
301Kb / 6P
TOSHBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
logo
Fairchild Semiconductor
4N32 FAIRCHILD-4N32 Datasheet
222Kb / 13P
General Purpose 6-Pin Photodarlington Optocoupler
More results


Similar Description - 4N32

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K815P VISHAY-K815P Datasheet
172Kb / 9P
Optocoupler with Photodarlington Output
29-Jun-99
TCED1100 VISHAY-TCED1100 Datasheet
207Kb / 9P
Optocoupler with Photodarlington Output
11-Jan-99
TCLD1000 VISHAY-TCLD1000 Datasheet
298Kb / 10P
Optocoupler with Photodarlington Output
19-Mar-01
TCMD1000 VISHAY-TCMD1000 Datasheet
464Kb / 12P
Optocoupler with Photodarlington Output
15-Dec-00
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
Optocoupler, Photodarlington Output
26-Oct-04
IL30 VISHAY-IL30_07 Datasheet
175Kb / 9P
Optocoupler, Photodarlington Output
14-Dec-07
K815P VISHAY-K815P_12 Datasheet
129Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K851P VISHAY-K851P Datasheet
129Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K815P VISHAY-K815P_V02 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com