Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL4200 Datasheet (PDF) - Vishay Siliconix

VCNL4200 Datasheet PDF - Vishay Siliconix
Part # VCNL4200
Download  VCNL4200 Download
File Size   212.67 Kbytes
Page   18 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface

VCNL4200 Datasheet (PDF)

Go To PDF Page Download Datasheet
VCNL4200 Datasheet PDF - Vishay Siliconix

Part # VCNL4200
Download  VCNL4200 Click to download

File Size   212.67 Kbytes
Page   18 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface

VCNL4200 Datasheet (HTML) - Vishay Siliconix


VCNL4200 Product details

• Package type: surface-mount
• Dimensions (L x W x H in mm): 8.0 x 3.0 x 1.8
• Integrated modules: infrared emitter (IRED),
ambient light sensor (ALS), proximity sensor
(PS), and signal conditioning IC
• Operates ALS and PS in parallel structure
• FiltronTM technology adoption for robust
background light cancellation
• Supports low transmittance (dark) lens design
• Temperature compensation: -40 °C to +85 °C
• Low power consumption I2C (SMBus compatible)
interface
• Floor life: 168 h, MSL 3, according to J-STD-020
• Output type: I2C bus (ALS / PS)
• Operation voltage: 2.5 V to 3.6 V




Similar Part No. - VCNL4200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL4200 VISHAY-VCNL4200 Datasheet
230Kb / 18P
High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
20-Jul-2022
VCNL4200 VISHAY-VCNL4200 Datasheet
231Kb / 18P
High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
20-Jul-2022
VCNL4200 VISHAY-VCNL4200_V01 Datasheet
230Kb / 18P
High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
20-Jul-2022
VCNL4200 VISHAY-VCNL4200_V02 Datasheet
231Kb / 18P
High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
20-Jul-2022
More results


Similar Description - VCNL4200

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1141 SILABS-SI1141 Datasheet
505Kb / 66P
PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
logo
Fairchild Semiconductor
FLD00050 FAIRCHILD-FLD00050 Datasheet
2Mb / 22P
I2C Digital Ambient Light and Proximity Sensor
logo
Vishay Siliconix
VCNL4100 VISHAY-VCNL4100 Datasheet
378Kb / 17P
High Sensitivity Long Distance Proximity and Ambient Light Sensor with I2C Interface
30-Aug-16
logo
Everlight Electronics C...
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
Ambient Light Sensor and Proximity Sensor with I2C Interface
logo
Silicon Laboratories
SI1143-M01-GMR SILABS-SI1143-M01-GMR Datasheet
1Mb / 79P
PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFACE
Rev. 1.1 12/14
SI1153-AB9X-GMR SILABS-SI1153-AB9X-GMR Datasheet
918Kb / 61P
Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.3
logo
Vishay Siliconix
VCNL4200 VISHAY-VCNL4200_V01 Datasheet
230Kb / 18P
High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
20-Jul-2022
VCNL4200 VISHAY-VCNL4200_V02 Datasheet
231Kb / 18P
High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
20-Jul-2022
logo
Silicon Laboratories
SI115X SILABS-SI115X Datasheet
1Mb / 65P
Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.4
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com