Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL4200 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VCNL4200
Description  High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4200 Datasheet(HTML) 2 Page - Vishay Siliconix

  VCNL4200 Datasheet HTML 1Page - Vishay Siliconix VCNL4200 Datasheet HTML 2Page - Vishay Siliconix VCNL4200 Datasheet HTML 3Page - Vishay Siliconix VCNL4200 Datasheet HTML 4Page - Vishay Siliconix VCNL4200 Datasheet HTML 5Page - Vishay Siliconix VCNL4200 Datasheet HTML 6Page - Vishay Siliconix VCNL4200 Datasheet HTML 7Page - Vishay Siliconix VCNL4200 Datasheet HTML 8Page - Vishay Siliconix VCNL4200 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
VCNL4200
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 22-Sep-17
2
Document Number: 84430
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Maximum allowed current for VCNL4200 internal IRED
Note
(1) MOQ: minimum order quantity
PRODUCT SUMMARY
PART
NUMBER
OPERATING
RANGE
(mm)
OPERATING
VOLTAGE
RANGE
(V)
I2C BUS
VOLTAGE
RANGE
(V)
IRED PULSE
CURRENT
(mA)
AMBIENT
LIGHT
RANGE
(lx)
AMBIENT
LIGHT
RESOLUTION
(lx)
OUTPUT
CODE
ADC RESOLUTION
PROXIMITY /
AMBIENT LIGHT
VCNL4200
0 to 1500
2.5 to 3.6
1.8 to 3.6
800 (1)
0.003 to 1573
0.003
16 bit, I2C
12 bit / 16 bit
ORDERING INFORMATION
ORDERING CODE
PACKAGING
VOLUME (1)
PIN NUMBER
REMARKS
VCNL4200
Tape and reel
MOQ: 2500 pcs
10
8.0 mm x 3.0 mm x 1.8 mm
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
MAX.
UNIT
Supply voltage
VDD
-5.0
V
Operation temperature range
Tamb
-40
+85
°C
Storage temperature range
Tstg
-40
+100
°C
RECOMMENDED OPERATING CONDITIONS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
MAX.
UNIT
Supply voltage
VDD
2.5
3.6
V
Operation temperature range
Tamb
-40
+85
°C
I2C bus operating frequency
f(I2CCLK)
10
400
kHz
PIN DESCRIPTIONS
PIN ASSIGNMENT
SYMBOL
TYPE
FUNCTION
1
GND
I
Ground
2
LED_CATHODE
I
IRED cathode connection
3VDD
I
Power supply input
4
NC
-
No connection
5
LED-
O
IRED cathode
6LED+
I
IRED anode
7
NC
-
No connection
8
INT
O
Interrupt pin
9
SDAT
I / O (open drain)
I2C data bus data input / output
10
SCLK
I
I2C digital bus clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com